Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD060318A015FR Datasheet(PDF) 4 Page - StarHope

Part # PESD060318A015FR
Description  Surface Mount Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PESD060318A015FR Datasheet(HTML) 4 Page - StarHope

  PESD060318A015FR Datasheet HTML 1Page - StarHope PESD060318A015FR Datasheet HTML 2Page - StarHope PESD060318A015FR Datasheet HTML 3Page - StarHope PESD060318A015FR Datasheet HTML 4Page - StarHope PESD060318A015FR Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPSEMI
ESD/PESD Series
Land Pattern & Reflow Soldering
Land Pattern
REV 2016 08 16
..
.
www.spsemi.cn
Page 4 of 5
c
a
b
Size
a
b
c
0402
0.4~0.6
0.4~0.5 0.4~0.6
0603
0.7~0.9
0.7~0.8 0.6~0.8
Reflow Soldering Profile
10s
Natural
cooling
260℃ max
220℃ min
Preheating : 110±10sec
165 to 185℃
30s max
Time(s)
Packing Specification
Taping Figure


Similar Part No. - PESD060318A015FR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0603-140 MACOM-PESD0603-140 Datasheet
132Kb / 5P
   Raychem Overvoltage Devices
PESD0603-140 MACOM-PESD0603-140 Datasheet
163Kb / 7P
   ESD Protector Overvoltage Protection Device
PESD0603-140 MACOM-PESD0603-140_07 Datasheet
163Kb / 7P
   ESD Protector Overvoltage Protection Device
PESD0603-240 MACOM-PESD0603-240 Datasheet
275Kb / 6P
   ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV12 LEIDITECH-PESD0603AV12 Datasheet
496Kb / 6P
   ESD Protection Devices
More results

Similar Description - PESD060318A015FR

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM SPSEMI-TSM Datasheet
826Kb / 2P
   Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
   Surface Mount Devices
USM SPSEMI-USM Datasheet
280Kb / 2P
   Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
   Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
   Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
   Surface-mount Devices
logo
StarHope
NSM SPSEMI-NSM Datasheet
702Kb / 3P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
   Surface mount devices
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com