Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF124FR-0710R Datasheet(PDF) 4 Page - YAGEO Corporation

Part # AF124FR-0710R
Description  ANTI-SULFURATED CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF124FR-0710R Datasheet(HTML) 4 Page - YAGEO Corporation

  AF124FR-0710R Datasheet HTML 1Page - YAGEO Corporation AF124FR-0710R Datasheet HTML 2Page - YAGEO Corporation AF124FR-0710R Datasheet HTML 3Page - YAGEO Corporation AF124FR-0710R Datasheet HTML 4Page - YAGEO Corporation AF124FR-0710R Datasheet HTML 5Page - YAGEO Corporation AF124FR-0710R Datasheet HTML 6Page - YAGEO Corporation AF124FR-0710R Datasheet HTML 7Page - YAGEO Corporation AF124FR-0710R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SERIES
AF
122/124/162/164 (RoHS Compliant)
Chip Resistor Surface Mount
Product specification
4
8
www.yageo.com
Jun. 28, 2016 V.4
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please refer to data sheet
“Chip resistors mounting”.
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
AF122
AF124
AF162
AF164
Operating Temperature
Range
–55 °C to +155 °C
–55 °C to +155 °C
–55 °C to +155 °C
–55 °C to +155 °C
Rated Power
1/16 W
1/16 W
1/16W
1/16W
Maximum Working Voltage
50 V
25 V
50V
50V
Maximum Overload Voltage
100 V
50 V
100V
100V
Dielectric Withstanding
Voltage
100 V
100 V
100V
100V
Resistance Range
5% (E24) 1 Ω to 1 MΩ
1% (E24/E96) 10 Ω to 1 MΩ
Jumper < 50 mΩ
5% (E24) 1 Ω to 1 MΩ
1% (E24/E96) 1 Ω to 1 MΩ
Jumper < 50 mΩ
5% (E24) 1 Ω to 1 MΩ
1% (E24/E96) 1 Ω to 1 MΩ
Jumper < 50 mΩ
5% (E24) 1 Ω to 1 MΩ
1% (E24/E96) 1 Ω to 1 MΩ
Jumper < 50 mΩ
Temperature Coefficient
1 Ω ≤ R ≤ 10 Ω ± 250 ppm/°C
10 Ω ≤ R ≤ 1 MΩ ± 200 ppm/°C
± 250 ppm/°C
Jumper Criteria
Rated Current
0.5 A
Rated Current
1.0 A
Rated Current
1.0 A
Rated Current 1.0A
Maximum Current
1.0 A Maximum Current
2.0 A Maximum Current
2.0 A
Maximum Current 2.0A
Table 2
PACKING STYLE AND PACKAGING QUANTITY
PACKING STYLE
REEL DIMENSION
AF122
AF124
AF162
AF164
Paper Taping Reel (R)
7" (178 mm)
10,000 units
10,000 units
5,000 units
5,000 units
13" (330 mm)
50,000 units
40,000 units
---
20,000 units
NOTE
1. For paper tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
Table 3 Packing style and packaging quantity
SCHEMATIC
Fig. 6 Equivalent circuit diagram
For dimension, please refer to Fig. 5 and Table 1


Similar Part No. - AF124FR-0710R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
AF124 SIEMENS-AF124 Datasheet
2Mb / 11P
   Germanium PNP Transistor
logo
YAGEO Corporation
AF124-FR-070RL YAGEO-AF124-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-07100RL YAGEO-AF124-FR-07100RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-07100RL YAGEO-AF124-FR-07100RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-0710RL YAGEO-AF124-FR-0710RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
More results

Similar Description - AF124FR-0710R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com