Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF124JR-1310R Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AF124JR-1310R
Description  ANTI-SULFURATED CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF124JR-1310R Datasheet(HTML) 3 Page - YAGEO Corporation

  AF124JR-1310R Datasheet HTML 1Page - YAGEO Corporation AF124JR-1310R Datasheet HTML 2Page - YAGEO Corporation AF124JR-1310R Datasheet HTML 3Page - YAGEO Corporation AF124JR-1310R Datasheet HTML 4Page - YAGEO Corporation AF124JR-1310R Datasheet HTML 5Page - YAGEO Corporation AF124JR-1310R Datasheet HTML 6Page - YAGEO Corporation AF124JR-1310R Datasheet HTML 7Page - YAGEO Corporation AF124JR-1310R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SERIES
AF
122/124/162/164 (RoHS Compliant)
Chip Resistor Surface Mount
Product specification
3
8
www.yageo.com
Jun. 28, 2016 V.4
MARKING
AF122 / 162
No marking
AF124 / 164
I-Digit marking
1% E-24/E-96: R≧ 100Ω 4digits
First three digits for significant figure and 4th digit for number of zeros
5% E-24: R≧ 10Ω
First two digits for significant figure and 3rd digit for number of zeros
For further marking information, please refer to data sheet “Chip resistors marking”.
CONSTRUCTION
The resistor is constructed on top
of a high-grade ceramic body.
Internal metal electrodes are added
on each end to make the contacts to
the thick film resistive element. The
composition of the resistive element
is a noble metal embedded into a
glass and covered by a glass. The
resistor is laser trimmed to the
rated resistance value. The resistor
is covered with a protective epoxy
coat, finally the external
terminations (matte tin on Ni-
barrier) are added as shown in Fig.4.
Fig. 1
O
OU
UT
TL
LIIN
NE
ES
S
Fig. 4 Chip resistor outlines
DIMENSIONS
TYPE
AF122
AF124
AF162
AF164
B (mm)
0.24± 0.10
0.25± 0.15
0.35±0.10
0.35± 0.15
H (mm)
0.30+0.10/-0.05
0.45± 0.05
0.30±0.10
0.65± 0.05
H1 (mm)
---
0.30± 0.05
--
0.50± 0.15
P (mm)
0.67± 0.05
0.50± 0.05
0.80±0.05
0.80± 0.05
L (mm)
1.00± 0.10
2.00± 0.10
1.60±0.10
3.20± 0.15
T (mm)
0.30± 0.10
0.45± 0.10
0.40±0.10
0.60± 0.10
W1 (mm)
0.25± 0.10
0.30± 0.15
0.30±0.10
0.30± 0.15
W2 (mm)
1.00± 0.10
1.00± 0.10
1.60±0.10
1.60± 0.15
Table 1
0
Fig. 2 Value = 0Ω
Fig. 3 Value = 240KΩ
3 60
Fig. 3 Value = 316KΩ
AF122 / 162
AF124 / 164
For dimension, please refer to Table 1
Fig. 5 AF122/124/162/164 series chip resistors dimension


Similar Part No. - AF124JR-1310R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
AF124 SIEMENS-AF124 Datasheet
2Mb / 11P
   Germanium PNP Transistor
logo
YAGEO Corporation
AF124-FR-070RL YAGEO-AF124-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-07100RL YAGEO-AF124-FR-07100RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-07100RL YAGEO-AF124-FR-07100RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-0710RL YAGEO-AF124-FR-0710RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
More results

Similar Description - AF124JR-1310R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com