Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESD12CU Datasheet(PDF) 3 Page - StarHope

Part # TESD12CU
Description  Electro-Static Discharge TESD12CU Uni-direction ESD Protection Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TESD12CU Datasheet(HTML) 3 Page - StarHope

  TESD12CU Datasheet HTML 1Page - StarHope TESD12CU Datasheet HTML 2Page - StarHope TESD12CU Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPSEMI
ESD/TESD12CU
REV 2016 10 16
..
.
www.spsemi.cn
Page 3 of 3
Tipical Characteristics
Fig.4 Capacitance Characteristics
4
0
6
8
10
10
12
20
30
40
50
60
Fig.3 V -I
CPP
0
2
10
Reverse Peak Pulse Current-I
(A)
PP
4
15
20
6
8
30
10
Reverse Voltage-V ( )
R
V
25
T=25
a
t =8/20µs
p
2
Dimensions(DFN1006)
DFN1006
A
B
C
E
D
F
G
DIM
A
B
C
D
E
F
G
Millimeters
Min
0.95
0.55
0.45
0.20
0.40
0.00
Max
1.07
0.65
0.55
0.30
0.55
0.10
Min
0.037
0.022
0.017
0.008
0.015
0.000
Max
0.042
0.026
0.022
0.012
0.022
0.004
Inches
0.65BSC
0.026BSC
Recommended Mounting Pad Layout
0.39
0.015
0.89
0.035
0.64
0.025
0.49
0.019
0.25
0.010


Similar Part No. - TESD12CU

ManufacturerPart #DatasheetDescription
logo
StarHope
TESD12EU SPSEMI-TESD12EU Datasheet
46Kb / 3P
   Electro-Static Discharge TESD12EU Unidirectional TVS Diode
TESD12FB SPSEMI-TESD12FB Datasheet
389Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY
TESD12FU SPSEMI-TESD12FU Datasheet
369Kb / 3P
   500W Unidirectional TVS Diode
TESD12G2B SPSEMI-TESD12G2B Datasheet
459Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
TESD12G2U SPSEMI-TESD12G2U Datasheet
506Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
More results

Similar Description - TESD12CU

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD05M2U SPSEMI-TUSD05M2U Datasheet
49Kb / 4P
   Electro-Static Discharge TUSD05M2U Uni-Direction TVS Diode
logo
Jiangsu Changjiang Elec...
DTESD5V0LED02 JIANGSU-DTESD5V0LED02 Datasheet
698Kb / 6P
   Uni-direction ESD Protection Diode
ESDQ12VFA1 JIANGSU-ESDQ12VFA1 Datasheet
10Mb / 6P
   Uni-direction ESD Protection Diode
CESD12VD3 JIANGSU-CESD12VD3 Datasheet
664Kb / 6P
   Uni-direction ESD Protection Diode
ESDN12VD3 JIANGSU-ESDN12VD3 Datasheet
717Kb / 6P
   Uni-direction ESD Protection Diode
CESD7V0D5 JIANGSU-CESD7V0D5 Datasheet
645Kb / 6P
   Uni-direction ESD Protection Diode
CESD12VD7 JIANGSU-CESD12VD7 Datasheet
755Kb / 6P
   Uni-direction ESD Protection Diode
DTESD7V0LED02 JIANGSU-DTESD7V0LED02 Datasheet
738Kb / 6P
   Uni-direction ESD Protection Diode
ESD36VD5 JIANGSU-ESD36VD5 Datasheet
1Mb / 6P
   Uni-direction ESD Protection Diode
ESDLJ12VD9 JIANGSU-ESDLJ12VD9 Datasheet
527Kb / 6P
   Uni-direction ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com