Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TECC16A Datasheet(PDF) 2 Page - StarHope

Part # TECC16A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TECC16A Datasheet(HTML) 2 Page - StarHope

  TECC16A Datasheet HTML 1Page - StarHope TECC16A Datasheet HTML 2Page - StarHope TECC16A Datasheet HTML 3Page - StarHope TECC16A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 4
Dimensions (DO-214AA)
Electrical Characteristics
TECC6.0A
TECC8.0A
TECC12A
TECC15A
TECC16A
TECC20A
TECC22A
TECC26A
TECC28A
TECC30A
TECC33A
TECC36A
TECC40A
TECC58A
TECC60A
TECC150A
TECC170A
TECC
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
V
(V)Min.
BR
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I( A)
R
μ
UNI-Polar
UNI
BI-Polar
BI
6D
8D
12D
15D
16D
20D
22D
26D
28D
30D
33D
36D
40D
58D
60D
150D
170D
6H
8H
12H
15H
16H
20H
22H
26H
28H
30H
33H
36H
40H
58H
60H
150H
170H
6.0
8.0
12.0
15.0
16.0
20.0
22.0
26.0
28.0
30.0
33.0
36.0
40.0
58.0
60.0
150.0
170.0
6.67
8.89
13.30
16.70
17.80
22.20
24.40
28.90
31.10
33.30
36.70
40.00
44.40
64.40
66.70
167.00
189.00
7.37
9.83
14.70
18.50
19.70
24.50
26.90
31.90
34.40
36.80
40.60
44.20
49.10
71.20
73.70
185.00
209.00
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.3
13.6
19.9
24.4
26.0
32.4
35.5
42.1
45.4
48.4
53.3
58.1
64.5
93.6
96.8
243.0
275.0
174.8
132.4
90.5
73.8
69.2
55.6
50.7
42.8
39.6
37.2
33.8
31.0
27.9
19.2
18.6
7.4
6.5
200
50
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Breakdown
Voltage
@IT
TECC6.0CA
TECC8.0CA
TECC12CA
TECC15CA
TECC16CA
TECC20CA
TECC22CA
TECC26CA
TECC28CA
TECC30CA
TECC33CA
TECC36CA
TECC40CA
TECC58CA
TECC60CA
TECC150CA
TECC170CA
For bidirectional type having V
of 10 volts and less, the I limit is double.
WRM
R
For parts with A , the V
is ±5%
BR
TABLE1
TECC(1000W) Series
0.086 2.20
()
0.073 1.85
()
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
Cathode Band
DO-214AA(SMB J-Bend)
Dimensions in inches and(millimeters)
0.098(2.50)
0.083(2.10)
0.220 5.59
()
0.205 5.21
()
0.012 0.305
()
0.006 0.152
()
0.060 1.52
()
0.030 0.76
()
0.012(0.3)MAX.
REV 2017 01 06
..
.


Similar Part No. - TECC16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-3V-XX ETC2-TEC-4A-3V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-5V-XX ETC2-TEC-4A-5V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-D ETC2-TEC-A1-3V-XX-D Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-A1-3V-XX-S ETC2-TEC-A1-3V-XX-S Datasheet
297Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
More results

Similar Description - TECC16A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECD SPSEMI-TVS-TECD Datasheet
131Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 60 Volts 2000 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com