Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TECA150A Datasheet(PDF) 2 Page - StarHope

Part # TECA150A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TECA150A Datasheet(HTML) 2 Page - StarHope

  TECA150A Datasheet HTML 1Page - StarHope TECA150A Datasheet HTML 2Page - StarHope TECA150A Datasheet HTML 3Page - StarHope TECA150A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 4
Dimensions (SOD-123FL)
Electrical Characteristics
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
TECA(400W) Series
SOD-123FL
0.04 1.00
()
0.02 0.50
()
0.114 2.9
()
0.098 2.5
()
0.152 3.82
()
0.138 3.5
()
Cathode Band
0.077 1.95
()
0.055 1.38
()
0.053 1.33
()
0.031 0.8
()
0.043 1.10
()
0.010 0.25
()
0.010 0.250
()
0.002 0.050
()
Dimensions in inches and(millimeters)
TECA6.0A
TECA8.0A
TECA12A
TECA15A
TECA16A
TECA20A
TECA22A
TECA26A
TECA28A
TECA30A
TECA33A
TECA36A
TECA40A
TECA58A
TECA60A
TECA150A
TECA170A
TECA440A
TECA
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
V
(V)Min.
BR
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I( A)
R
μ
UNI-Polar
UNI
BI-Polar
BI
6A
8A
12A
15A
16A
20A
22A
26A
28A
30A
33A
36A
40A
58A
60A
150A
170A
440A
6B
8B
12B
15B
16B
20B
22B
26B
28B
30B
33B
36B
40B
58B
60B
150B
170B
440B
6.0
8.0
12.0
15.0
16.0
20.0
22.0
26.0
28.0
30.0
33.0
36.0
40.0
58.0
60.0
150.0
170.0
440.0
6.67
8.89
13.30
16.70
17.80
22.20
24.40
28.90
31.10
33.30
36.70
40.00
44.40
64.40
66.70
167.00
189.00
492.00
7.37
9.83
14.70
18.50
19.70
24.50
26.90
31.90
34.40
36.80
40.60
44.20
49.10
71.20
73.70
185.00
209.00
5
43.00
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.3
13.6
19.9
24.4
26.0
32.4
35.5
42.1
45.4
48.4
53.3
58.1
64.5
93.6
96.8
243.0
275.0
713.0
46.6
35.3
24.1
19.7
18.5
14.8
13.5
11.4
10.6
9.9
9.0
8.3
7.4
5.1
5.0
2.0
1.7
0.7
100
50
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Breakdown
Voltage
@IT
TECA6.0CA
TECA8.0CA
TECA12CA
TECA15CA
TECA16CA
TECA20CA
TECA22CA
TECA26CA
TECA28CA
TECA30CA
TECA33CA
TECA36CA
TECA40CA
TECA58CA
TECA60CA
TECA150CA
TECA170CA
TECA440CA
TABLE1
REV 2017
..03 01
.


Similar Part No. - TECA150A

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
415Kb / 10P
   High Efficiency TEC Controller
4/28/2022
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
429Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
892Kb / 11P
   High Efficiency TEC Controller
5/3/2022
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
821Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
427Kb / 7P
   High Efficiency TEC Controller
1/29/2022
More results

Similar Description - TECA150A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-TECC SPSEMI-TVS-TECC Datasheet
148Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
TVS-TECD SPSEMI-TVS-TECD Datasheet
131Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 60 Volts 2000 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com