Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25141QRGERQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM25141QRGERQ1
Description  2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141QRGERQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25141QRGERQ1 Datasheet HTML 3Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 4Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 5Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 6Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 7Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 8Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 9Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 10Page - Texas Instruments LM25141QRGERQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7
LM25141-Q1
www.ti.com
SNVSAP9 – MARCH 2017
Product Folder Links: LM25141-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to +125°C, Typical values TJ = 25°C, VIN = 12 V, VCCX = 5 V, VOUT = 5 V, EN = 5 V, OSC = VDD, FSW = 2.2
MHz, no-load on the Drive Outputs (HO, HOL, LO, and LOL outputs), over operating free-air temperature range (unless
otherwise noted)
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FB(EXTRES)
Thevenin equivalent resistance at
FB for external regulation detection
FB < 2 V
5
TRANSCONDUCTANCE AMPLIFIER
Gm
Gain
Feedback to COMP
1010
1200
µS
Input bias current
15
nA
Transconductance Amplifier source
current
COMP = 1 V, FB = 1 V
100
µA
Transconductance Amplifier sink
current
COMP = 1 V, FB = 1.4 V
100
µA
POWER GOOD
PG(UV)
PG undervoltage trip levels
Falling with respect to the regulation
voltage
90%
92%
94%
PG(OVP)
PG overvoltage trip levels
Rising with respect to the regulation
voltage
108%
110%
112%
PG(HYST)
3.4%
PG(VOL)
PG
Open collector, Isink = 2 mA
0.4
V
PG(rdly)
OV filter time
VOUT rising
25
µs
PG(fdly)
UV filter time
VOUT falling
30
µs
HO GATE DRIVER
VOLH
HO low-state output voltage
IHO = 100 mA
0.05
V
VOHH
HO high-state output voltage
IHO = –100 mA, VOHH = VHB – VHO
0.07
V
trHO
HO rise time (10% to 90%)
CLOAD = 2700 pf
4
ns
tfHO
HO fall time (90% to 10%)
CLOAD = 2700 pf
3
ns
IOHH
HO peak source current
VHO = 0 V, SW = 0 V, HB = 5 V,
VCCX = 5 V
3.25
Apk
IOLH
HO peak sink current
VCCX = 5 V
4.25
Apk
V(BOOT)
UVLO
HO falling
2.5
V
Hysteresis
110
mV
I(BOOT)
Quiescent current
3
µA
LO GATE DRIVER
VOLL
LO low-state output voltage
ILO = 100 mA
0.05
V
VOHL
LO high-state output voltage
ILO = –100 mA, VOHL = VCC – VLO
0.07
V
trLO
LO rise time (10% to 90%)
CLOAD = 2700 pf
4
ns
tfLO
LO fall time (90% to 10%)
CLOAD = 2700 pf
3
ns
IOHL
LO peak source current
VCCX = 5 V
3.25
Apk
IOLL
LO peak sink current
VCCX = 5 V
4.25
Apk
ADAPTIVE DEAD TIME CONTROL
V(GS-DET)
VGS detection threshold
VGS falling, no-load
2.5
V
tdly1
HO off to LO on dead time
20
40
ns
tdly2
LO off to HO on dead time
20
38
ns
DIODE EMULATION
VIL
DEMB input low threshold
0.8
V
VIH
FPWM input high threshold
2.0
V
SW
Zero cross threshold
–5
mV
ENABLE INPUT
VIL
Enable input low threshold
VCCX = 0 V
0.8
V


Similar Part No. - LM25141QRGERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141QRGERQ1 TI-LM25141QRGERQ1 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
More results

Similar Description - LM25141QRGERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141-Q1 TI-LM25141-Q1_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25143-Q1 TI-LM25143-Q1 Datasheet
3Mb / 70P
[Old version datasheet]   LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
LM25149 TI-LM25149 Datasheet
2Mb / 49P
[Old version datasheet]   LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25148 TI-LM25148 Datasheet
5Mb / 64P
[Old version datasheet]   LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Texas Instruments
LM5123-Q1 TI-LM5123-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LM5123-Q1 2.2-MHz Wide VIN Low-IQ Synchronous Boost Controller with VOUT Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com