Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9800DGKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9800DGKR
Description  Level-Translating I2C Bus Buffer/Repeater
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9800DGKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA9800DGKR Datasheet HTML 2Page - Texas Instruments TCA9800DGKR Datasheet HTML 3Page - Texas Instruments TCA9800DGKR Datasheet HTML 4Page - Texas Instruments TCA9800DGKR Datasheet HTML 5Page - Texas Instruments TCA9800DGKR Datasheet HTML 6Page - Texas Instruments TCA9800DGKR Datasheet HTML 7Page - Texas Instruments TCA9800DGKR Datasheet HTML 8Page - Texas Instruments TCA9800DGKR Datasheet HTML 9Page - Texas Instruments TCA9800DGKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
TCA9800
SCPS264 – MARCH 2017
www.ti.com
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
ICCA + ICCB Total quiescent supply current
VCCA = VCCB = 1.8 V,
SDAA/SCLA = VCCA,
SDAB/SCLB = VCCB
18
µA
II
Input leakage current
SDAA, SCLA
VI = VCCA, EN = GND
±10
µA
VI = GND, EN = GND
±10
SDAB, SCLB
VCCB = 0 V, VI = 3.6 V
±10
CIO
I/O Capacitance
SDAA, SCLA
VI = 0 V or 3.3 V, f = 1 MHz
2
10
pF
SDAB, SCLB
VCCB = GND, VI = 0 V, f = 1 MHz
8
(1)
Times are specified with loads of 1.35 k
Ω and 50 pF on A-side and 50 pF on B-side. Different load resistance and capacitance alter the
rise and fall times, thereby changing the propagation delay.
7.6 Timing Requirements
PARAMETER
MIN
TYP
MAX
UNIT
fSCL(MAX)
Max SCL clock frequency
100
kHz
tr
(1)
Rise time
Port A
57
70
ns
Port B; VCCB = 1.65 V
66
110
Port B; VCCB = 2.5 V
100
170
Port B; VCCB = 3.6 V
144
270
tf
(1)
Fall time
Port A
9
30
ns
Port B
35
85
tPHL
(1)
Propagation delay high-to-low
Port A to Port B
75
200
ns
Port B to Port A
85
250
tPLH
(1)
Propagation delay low-to-high
Port A to Port B
40
150
ns
Port B to Port A
100
350
7.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tstartup
Startup time
72
340
µs
ten
Enable time
280
1000
ns
tdis
Disable time
740
1800
ns


Similar Part No. - TCA9800DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
More results

Similar Description - TCA9800DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9802 TI1-TCA9802 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9803 TI1-TCA9803 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com