Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2302DDS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI2302DDS
Description  N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2302DDS Datasheet(HTML) 5 Page - Vishay Siliconix

  SI2302DDS Datasheet HTML 1Page - Vishay Siliconix SI2302DDS Datasheet HTML 2Page - Vishay Siliconix SI2302DDS Datasheet HTML 3Page - Vishay Siliconix SI2302DDS Datasheet HTML 4Page - Vishay Siliconix SI2302DDS Datasheet HTML 5Page - Vishay Siliconix SI2302DDS Datasheet HTML 6Page - Vishay Siliconix SI2302DDS Datasheet HTML 7Page - Vishay Siliconix SI2302DDS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vishay Siliconix
Package Information
Document Number: 71196
09-Jul-01
www.vishay.com
1
SOT-23 (TO-236): 3-LEAD
b
E
E1
1
3
2
S
e
e1
D
A2
A
A1
C
Seating Plane
0.10 mm
0.004"
C
C
L1
L
q
Gauge Plane
Seating Plane
0.25 mm
Dim
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.0004
0.004
A2
0.88
1.02
0.0346
0.040
b
0.35
0.50
0.014
0.020
c
0.085
0.18
0.003
0.007
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
0.95 BSC
0.0374 Ref
e1
1.90 BSC
0.0748 Ref
L
0.40
0.60
0.016
0.024
L1
0.64 Ref
0.025 Ref
S
0.50 Ref
0.020 Ref
q
3°8°
3°8°
ECN: S-03946-Rev. K, 09-Jul-01
DWG: 5479


Similar Part No. - SI2302DDS

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI2302DDS TFUNK-SI2302DDS Datasheet
209Kb / 8P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI2302DDS VISHAY-SI2302DDS Datasheet
200Kb / 8P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI2302DDS VISHAY-SI2302DDS Datasheet
200Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI2302DDS-T1-GE3 VISHAY-SI2302DDS-T1-GE3 Datasheet
200Kb / 8P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI2302DDS VISHAY-SI2302DDS_V01 Datasheet
200Kb / 8P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
More results

Similar Description - SI2302DDS

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com