Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3493DDV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3493DDV
Description  P-Channel 20 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3493DDV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3493DDV Datasheet HTML 1Page - Vishay Siliconix SI3493DDV Datasheet HTML 2Page - Vishay Siliconix SI3493DDV Datasheet HTML 3Page - Vishay Siliconix SI3493DDV Datasheet HTML 4Page - Vishay Siliconix SI3493DDV Datasheet HTML 5Page - Vishay Siliconix SI3493DDV Datasheet HTML 6Page - Vishay Siliconix SI3493DDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si3493DDV
www.vishay.com
Vishay Siliconix
S16-2645-Rev. A, 26-Dec-16
2
Document Number: 74735
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = -250 μA
-20
-
-
V
VDS temperature coefficient
V
DS/TJ
ID = -250 μA
--12
-
mV/°C
VGS(th) temperature coefficient
V
GS(th)/TJ
-2.5
-
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID =-250 μA
-0.4
-
-1
V
Gate-source leakage
IGSS
VDS = 0 V, VGS = ± 8 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VDS = -20 V, VGS = 0 V
-
-
-1
μA
VDS = -20 V, VGS = 0 V, TJ = 70 °C
-
-
-10
On-state drain current a
ID(on)
VDS  -10 V, VGS = -4.5 V
-20
-
-
A
Drain-source on-state resistance a
RDS(on)
VGS = -4.5 V, ID = -7.5 A
-
0.0200
0.0240
VGS = -2.5 V, ID = -6.4 A
-
0.0257
0.0321
VGS = -1.8 V, ID = -2 A
-
0.0378
0.0511
Forward transconductance a
gfs
VDS = -10 V, ID = -7.5 A
-
30
-
S
Dynamic b
Input capacitance
Ciss
VDS = -10 V, VGS = 0 V, f = 1 MHz
-
1825
-
pF
Output capacitance
Coss
-
210
-
Reverse transfer capacitance
Crss
-
200
-
Total gate charge
Qg
VDS = -10 V, VGS = -8 V, ID = -7.5 A
-
34.8
52.2
nC
VDS = -10 V, VGS = -4.5 V, ID = -7.5 A
-
19.8
30
Gate-source charge
Qgs
-2.6
-
Gate-drain charge
Qgd
-3
-
Gate resistance
Rg
f = 1 MHz
2.12
10.6
21.2
Turn-on delay time
td(on)
VDD = -10 V, RL = 1.67 , ID  -6 A,
VGEN = -4.5 V, Rg = 1 
-25
38
ns
Rise time
tr
-30
45
Turn-off delay time
td(off)
-
95
145
Fall time
tf
-40
60
Turn-on delay time
td(on)
VDD = -10 V, RL = 1.67 , ID  -6 A,
VGEN = -8 V, Rg = 1 
-8
16
Rise time
tr
-20
30
Turn-off delay time
td(off)
-
115
173
Fall time
tf
-40
60
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
TC = 25 °C
-
-
-8
A
Pulse diode forward current
ISM
--
-32
Body diode voltage
VSD
IS = -6 A, VGS = 0 V
-
-0.8
-1.2
V
Body diode reverse recovery time
trr
IF = -6 A, dI/dt = 100 A/μs, TJ = 25 °C
-21
32
ns
Body diode reverse recovery charge
Qrr
-
9
18
nC
Reverse recovery fall time
ta
-9
-
ns
Reverse recovery rise time
tb
-12
-


Similar Part No. - SI3493DDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3493DDV VISHAY-SI3493DDV Datasheet
233Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI3493DDV-T1-GE3 VISHAY-SI3493DDV-T1-GE3 Datasheet
233Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI3493DDV VISHAY-SI3493DDV_V01 Datasheet
233Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3493DDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com