Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMQ69273P Datasheet(PDF) 5 Page - Laird Tech Smart Technology

Part # CMQ69273P
Description  Low Profile aesthetically neutral housing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CMQ69273P Datasheet(HTML) 5 Page - Laird Tech Smart Technology

  CMQ69273P Datasheet HTML 1Page - Laird Tech Smart Technology CMQ69273P Datasheet HTML 2Page - Laird Tech Smart Technology CMQ69273P Datasheet HTML 3Page - Laird Tech Smart Technology CMQ69273P Datasheet HTML 4Page - Laird Tech Smart Technology CMQ69273P Datasheet HTML 5Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
  CMQ69273P
698 to 960 MHz/1710 to 2700 MHz
Low PIM 4‐port MIMO Ceiling Mount Antenna
‐35
‐30
‐25
‐20
‐15
‐10
‐5
0
5
90
60
30
0
330
300
270
240
210
180
150
120
Azimuth Plane
Port 1
Port 2
Port 3
Port 4
Radiation Pattern at 2412 MHz
RADIATION PATTERNS
‐35
‐30
‐25
‐20
‐15
‐10
‐5
0
5
90
60
30
0
330
300
270
240
210
180
150
120
Azimuth Plane
Port 1
Port 2
Port 3
Port 4
Radiation Pattern at 2600 MHz
‐35
‐30
‐25
‐20
‐15
‐10
‐5
0
5
90
60
30
0
330
300
270
240
210
180
150
120
Azimuth Plane
Port 1
Port 2
Port 3
Port 4
Radiation Pattern at 2700 MHz
IAS‐ANT‐DS‐CMQ69273P_
0416 
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for
the use and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the
fitness, merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages
of any kind. All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© Copyright 2016 Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an
affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party
intellectual property rights.


Similar Part No. - CMQ69273P

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1332-QH MIMIX-CMQ1332-QH Datasheet
554Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH-0G00 MIMIX-CMQ1332-QH-0G00 Datasheet
554Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH-0G00 MIMIX-CMQ1332-QH-0G00 Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH-0G0T MIMIX-CMQ1332-QH-0G0T Datasheet
554Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
More results

Similar Description - CMQ69273P

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CFS60383P LSTD-CFS60383P Datasheet
2Mb / 4P
   Low profile aesthetically neutral housing
CMS69273P LSTD-CMS69273P Datasheet
398Kb / 3P
   Low Profile aesthetically neutral housing
LPS69273NT LSTD-LPS69273NT Datasheet
830Kb / 5P
   Low Profile aesthetically neutral housing
CMQ23496-0815 LSTD-CMQ23496-0815 Datasheet
1Mb / 4P
   Low Profile aesthetically neutral housing
CMM24513S4 LSTD-CMM24513S4 Datasheet
302Kb / 3P
   Low profile aesthetically neutral housing
SL6927PTL LSTD-SL6927PTL Datasheet
811Kb / 2P
   Low profile aesthetically neutral housing
LPS69223NT LSTD-LPS69223NT Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
CFSA69383P LSTD-CFSA69383P Datasheet
2Mb / 3P
   Ultra Low profile aesthetically neutral housing
SL80173WP LSTD-SL80173WP Datasheet
401Kb / 1P
   Neutral color and dimunuitive profile
SQ24493P LSTD-SQ24493P Datasheet
722Kb / 1P
   Neutral color and diminutive profile
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com