Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4344.393NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA4344.393NLT
Description  High Current Molded Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4344.393NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA4344.393NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4344.393NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4344.393NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4344.393NLT Datasheet HTML 4Page - Pulse A Technitrol Company PA4344.393NLT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P771.C (07/16)
2
pulseelectronics.com
SMT Power Inductor
High Current Molded Power Inductor - PA4344.XXXNLT Series
1. Actual temperature of the component during system operation (ambient plus tempera-
ture rise) must be within the standard operating range.
2. The saturation current 1 is the current at which the initial inductance drops approxi-
mately 30% at the stated ambient temperature. This current is determined by placing
the component in the specified ambient environment and applying a short duration
pulse current (to eliminate self-heating effect) to the component.
3. The saturation current 2 is the current at which the initial inductance drops approxi-
mately 40% at the stated ambient temperature. This current is determined by placing
the component in the specified ambient environment and applying a short duration
pulse current (to eliminate self-heating effect) to the component.
4. The rated current is the DC current required to raise the component temperature by
approximately 40�C. Take note that the components’ performanc varies depending on the
system condition. It is suggested that the component be tested at the system level, to
verify the temperature rise of the component during system operation.
5. The part temperature (ambient+temp rise) should not exceed 125�C under worst case
operating conditions. Circuit design, PCB trace size and thickness, airflow and other cool-
ing provisions all affect the part temperature. Part temperature should be verified in the
end application.
Notes:
PA4344.XXXNLT
Mechanical
Final Layout
SUGGESTED PAD LAYOUT
Series
A
B
C
D
E
F
G
H
PA4344.XXXNLT
17.7 Max
17.2 Max
7.0 Max
(11.9)
(13.1)
(12.5)
(3.15)
(12.2)
All Dimensions in mm.
TAPE & REEL INFO
QTY
A
B
G
N
E
F
D
P
P
P
W
T
K
PCS/REEL
PA4344.XXXNLT
Ø330
N/A
32
100
1.75
14.2
1.5
24
4
2
32
0.5
7.5
300
0
0
0
2
1
REEL SIZE (mm)
TAPE SIZE (mm)
SURFACE MOUNTING TYPE, REEL/TAPE LIST


Similar Part No. - PA4344.393NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4344.393NLT PULSE-PA4344.393NLT Datasheet
1Mb / 4P
   SMT Power Inductor
More results

Similar Description - PA4344.393NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5401 PULSE-PA5401 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
logo
ETAL Group
P7637 ETAL-P7637 Datasheet
317Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT Datasheet
247Kb / 5P
   High Current Molded Power Inductor
PA5405 PULSE-PA5405 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA4341.101NLT PULSE-PA4341.101NLT Datasheet
286Kb / 7P
   High Current Molded Power Inductor
PA5400 PULSE-PA5400 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA5404 PULSE-PA5404 Datasheet
2Mb / 5P
   High Current Molded Power Inductor
logo
ETAL Group
P7631 ETAL-P7631 Datasheet
434Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7638 ETAL-P7638 Datasheet
289Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7641 ETAL-P7641 Datasheet
502Kb / 4P
   HIGH CURRENT MOLDED POWER INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com