Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4304.104NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA4304.104NLT
Description  Shielded Drum Core Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4304.104NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA4304.104NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4304.104NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4304.104NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P748.A (12/14)
2
pulseelectronics.com
Shielded Drum Core Inductor
PA4303.XXXNLT & PA4304.XXXNLT Series
Pulse Jack
E l e c t r o n i c s
Pulse Part Number
Inductance (uH)
Rated Current (A) Max
DC Resistance (m
Ω) Max
Package Size (mm)
PA4303.564NLT
560
0.4
1530
12.5 x 12.5 x 4.5
PA4303.684NLT
680
0.37
1720
12.5 x 12.5 x 4.5
PA4303.824NLT
820
0.35
2210
12.5 x 12.5 x 4.5
PA4303.105NLT
1000
0.32
2670
12.5 x 12.5 x 4.5
PA4304.102NLT
1.0
8.5
11
12.5 x 12.5 x 6.0
PA4304.122NLT
1.2
8
12
12.5 x 12.5 x 6.0
PA4304.152NLT
1.5
7.5
13
12.5 x 12.5 x 6.0
PA4304.182NLT
1.8
7
14
12.5 x 12.5 x 6.0
PA4304.222NLT
2.2
6.5
15.5
12.5 x 12.5 x 6.0
PA4304.272NLT
2.7
6.1
16.5
12.5 x 12.5 x 6.0
PA4304.332NLT
3.3
5.7
18
12.5 x 12.5 x 6.0
PA4304.392NLT
3.9
5.25
19.5
12.5 x 12.5 x 6.0
PA4304.472NLT
4.7
4.7
20.5
12.5 x 12.5 x 6.0
PA4304.562NLT
5.6
4.7
21
12.5 x 12.5 x 6.0
PA4304.682NLT
6.8
4.4
14.3
12.5 x 12.5 x 6.0
PA4304.822NLT
8.2
4.25
19.5
12.5 x 12.5 x 6.0
PA4304.103NLT
10
4
25
12.5 x 12.5 x 6.0
PA4304.123NLT
12
3.5
27
12.5 x 12.5 x 6.0
PA4304.153NLT
15
3.3
30
12.5 x 12.5 x 6.0
PA4304.183NLT
18
3
34
12.5 x 12.5 x 6.0
PA4304.223NLT
22
2.8
50
12.5 x 12.5 x 6.0
PA4304.273NLT
27
2.3
51
12.5 x 12.5 x 6.0
PA4304.333NLT
33
2.1
57
12.5 x 12.5 x 6.0
PA4304.393NLT
39
2
68
12.5 x 12.5 x 6.0
PA4304.473NLT
47
1.8
75
12.5 x 12.5 x 6.0
PA4304.563NLT
56
1.7
110
12.5 x 12.5 x 6.0
PA4304.683NLT
68
1.5
120
12.5 x 12.5 x 6.0
PA4304.823NLT
82
1.4
140
12.5 x 12.5 x 6.0
PA4304.104NLT
100
1.3
160
12.5 x 12.5 x 6.0
PA4304.124NLT
120
1.1
170
12.5 x 12.5 x 6.0
PA4304.154NLT
150
1
230
12.5 x 12.5 x 6.0
PA4304.184NLT
180
0.9
290
12.5 x 12.5 x 6.0
PA4304.224NLT
220
0.8
400
12.5 x 12.5 x 6.0
PA4304.274NLT
270
0.75
460
12.5 x 12.5 x 6.0
PA4304.334NLT
330
0.68
510
12.5 x 12.5 x 6.0
PA4304.394NLT
390
0.65
690
12.5 x 12.5 x 6.0
PA4304.474NLT
470
0.58
770
12.5 x 12.5 x 6.0
PA4304.564NLT
560
0.54
860
12.5 x 12.5 x 6.0
PA4304.684NLT
680
0.41
1320
12.5 x 12.5 x 6.0
Electrical Specifications @ 25°C — Operating Temperature -40°C to 125°C


Similar Part No. - PA4304.104NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4304 PULSE-PA4304 Datasheet
1Mb / 3P
   POWER MAGNETICS
More results

Similar Description - PA4304.104NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
   Shielded Drum Core Inductor
PA4322 PULSE-PA4322 Datasheet
294Kb / 3P
   Shielded Drum Core Inductor
PA4330.471NLT PULSE-PA4330.471NLT Datasheet
524Kb / 2P
   Shielded Drum Core Inductor
PA4302.102NLT PULSE-PA4302.102NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com