Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCR8065M3PBL-001 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # HCR8065M3PBL-001
Description  Conformance to RoHS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HCR8065M3PBL-001 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  HCR8065M3PBL-001 Datasheet HTML 1Page - Laird Tech Smart Technology HCR8065M3PBL-001 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
806-960 MHz/1710-2200 MHz
Rotatable Shell Omni-Directional Antenna
HCR8065M
Americas: +1.847 839.69
25
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: IAS-AsiaSales@lairdtech.com
www.lairdtech.com
THE
HCR ROTATABLE SHELL OMNIDIRECTIONAL ANTENNA –
WHEN HIGH PERFORMANCE IS DESIRED & EXTREME RUGGEDNESS
& LOW PROFILE IS REQUIRED.
The
HCR Rotatable Shell Omnidirectional Antenna is a tough low-profile antenna for outdoor or
indoor applications. This antenna provides frequency agility, low visibility, wide bandwidth and a
low angle radiation pattern that is superior to traditional gain antennas in most applications.
The
HCR Rotatable Shell Omnidirectional Antenna is available in various industry standard mounting
configurations including a threaded permanent stud mount model for vandal resistant mounting on
brackets, panels, ceilings or any other kind of housing.
0B
FEATURES AND BENEFITS
Multi-band operation: 806-960 MHz /
1710-2200 MHz
Meets IP67 protection rating for dust tight
seal and temporary water immersion.
Permanent mount provides vandal resistant
protection for remote installations.
Conformance to RoHS
1B
MARKETS
Security / Public Safety
Commercial & Industrial- M2M
Transportation
Electric, Gas, & Water Utilities
Retail, Consumer & Home
Fixed Radio Applications
SPECIFICATIONS
Model
HCR8065M3NBL-001
HCR8065M3PBL-001
HCR8065M3NBN-001
HCR8065M3PBN-001
HCR8065M3NWL-001
HCR8065M3PWL-001
HCR8065M3NWN-001
HCR8065M3PWN-001
Frequency
806-960 MHz
1710-2200 MHz
Gain (Typical)
2.1 dBi
2.6 dBi
Gain (Max)
2.2 dBi
3.2 dBi
VSWR (2′ x 2 ′ ground plane)
< 2:1
Max Input Power
10 watts
Radiation Pattern
Omnidirectional
Polarization
Vertical
Normal Impedance
50 Ohm
Antenna Dimension (“)
83.3 H x 36.5 D mm (3.47 x 1.4 )
Antenna Color
Black / White
Weight (lbs)
NM0: 106 g (0.23) P-Mount: 192.5 g (0.42)
Wind Survival (mph)
282 km/h (175 )
Mounting
NMO / P-Mount
Operating Temperature
-30° C to 70° C
Storage Temperature
-40° C to 85° C
Ingression Protection
IP67
RoHS Compliance
Yes
HCR8065M3NBL-001 NMO mount black w/Logo
HCR8065M3NWL-001 NMO mount white w/logo
HCR8065M3PBL-001
P mount black w/logo
HCR8065M3PWL-001 P mount white w/logo
HCR8065M3NBN-001 NMO mount black no logo
HCR8065M3PBN-001 NMO mount white no logo
HCR8065M3PBN-001 P mount black no logo
HCR8065M3PWN-001 P mount white no logo
Laird warrants to the original end user customer of its products that its products are free from defects in material and
workmanship. Subject to conditions and limitations Laird will, at its option, either repair or replace any part of its products
that prove defective by reason of improper workmanship or materials. This limited warranty is in force for the useful
lifetime of the original end product into which the Laird product is installed. Useful lifetime of the original end product may
vary but is not to exceed five (5) years from the original date of the end product purchase.


Similar Part No. - HCR8065M3PBL-001

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HCR8065M3PBL-001 LSTD-HCR8065M3PBL-001 Datasheet
312Kb / 1P
   ASSEMBLYANDINSTALLATIONINSTRUCTIONS
More results

Similar Description - HCR8065M3PBL-001

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DBA6927C1 LSTD-DBA6927C1 Datasheet
2Mb / 2P
   Conformance to RoHS
OP24516DS LSTD-OP24516DS Datasheet
2Mb / 2P
   Conformance to RoHS
HCR8210M3 LSTD-HCR8210M3 Datasheet
1Mb / 2P
   Conformance to RoHS
HCR8819M3 LSTD-HCR8819M3 Datasheet
1,022Kb / 2P
   Conformance to RoHS
DBA6927C1-FSMAF LSTD-DBA6927C1-FSMAF Datasheet
2Mb / 2P
   Conformance to RoHS
OP51508T LSTD-OP51508T Datasheet
1Mb / 2P
   Conformance to RoHS
PAV69278O LSTD-PAV69278O Datasheet
1Mb / 3P
   Conformance
logo
Keysight Technologies
T4010S KEYSIGHT-T4010S Datasheet
2Mb / 8P
   Conformance Test System
logo
M/A-COM Technology Solu...
28478-ERR-003-A MA-COM-28478-ERR-003-A_15 Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
28478-ERR-003-A MA-COM-28478-ERR-003-A Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com