Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL752600FBWNMXXHC-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # TPL752600FBWNMXXHC-PF
Description  TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TPL752600FBWNMXXHC-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  TPL752600FBWNMXXHC-PF Datasheet HTML 1Page - Advanced Crystal Technology TPL752600FBWNMXXHC-PF Datasheet HTML 2Page - Advanced Crystal Technology TPL752600FBWNMXXHC-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(V)TPL75 Series
From ±2.0ppm stability over -30°C to 85°C
Low jitter specification
ESD sensitive device, Moisture sensitive level - 1
Parameters
Specification
Remarks
Frequency range
F_nom 12.0MHz ~ 800.0MHz
Supply voltage
Vcc
3.3V
Initial frequency tolerance
F_tol <±2.0ppm
at +25°C±2°C
Frequency stability
vs Temperature
F_stb ±1.0ppm ~ ±5.0ppm
Table 1
vs Load
F_load ±0.3ppm max.
±10% load condition change
vs Voltage
F_Vcc ±0.3ppm max.
±5% input voltage change
vs Aging
F_age ±1.0ppm/year max.
at +25°C
vs Reflow
±1.0ppm/year max.
1 reflow and measured after 24hrs
Operating temperature range (°C)
Topr 0°C ~ +50°C to -40°C ~ +85°C
Table 1
Storage temperature (°C)
Tstg -55°C ~ +125°C
Output Wave Form / Output load
LVPECL
Output voltage high
Voh
Vcc - 1.025V (min)
Output load condition: 50Ω to Vcc - 2V
Output voltage low
Vol
Vcc - 1.620V (max)
Output load condition: 50Ω to Vcc - 2V
Output load
Vod
50Ω to Vcc - 2V
Current Consumption
Icc
10~25MHz : 65mA max ; 25~100MHz : 85mA
Max ; measured with PECL thevenin
equivalent load
100~800MHz : 115mA
Rise and fall time
Tr, Tf 1.5ns max.
20% to 80% of wave form.
Duty cycle
SYM 45%/55%
Measured at Vcc - 1.3V
Start-up time
T_str 5.0m sec (typ.), 10.0m sec. (Max.)
Reach 90% amplitude at +25°C±2°C
Phase jitter (RMS) (12kHz to 20MHz)
2.6ps (typical) , 4.0ps (max)
For frequency 155.520MHz
Tristate
Yes, Pin 2
VC-TCXO Option Only
Control voltage
Vc
1.5V ± 1.0V
Frequency tuning (ppm)
±5.0ppm min.
Linearity/Slope polarity
6.0% typical;10%max/Positive slope
Positive voltage for positive frequency shift
Table 1 Frequency Stability vs Temperature
Temp. (°C)
Stability in ppm
±1.0
±2.0
±2.5
±3.0
±4.0
±5.0
0°C to 50°C
-10°C to 60°C
Enq.
-20°C to 70°C
X
-30°C to 75°C
X
-30°C to 85°C
X
-40°C to 85°C
X
X
X
Enq.
Enq.
Phase noise at 25°C (dBc/Hz)
155.52MHz
622.08MHz
10Hz
-65
-55
100Hz
-95
-85
1kHz
-120
-109
10kHz
-125
-115
100kHz
-121
-110
Pad 1: Control voltage for VCTCXO
No connection for TCXO
Pad 2: Tristate
Pad 3: GND
Pad 4: LVPECL output
Pad 5: Complimentary output
Pad 6: Supply voltage
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com
ISO9001 Registered
Specifications subject to change without notification
TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
Pad 2
(Tristate)
Pad 4/Pad 5
(Output)
No connection
Active
Enable (>Vcc*0.45)
Active
Disable (<Vcc*0.45) High impedance
Dimensions (Unit:mm)
7.5
Top view
1
2
3
4
5
6
Bottom view
1.4
5.08
5.08
1.8
Land pattern


Similar Part No. - TPL752600FBWNMXXHC-PF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407L TI1-TPL7407L Datasheet
919Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Similar Description - TPL752600FBWNMXXHC-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com