Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AINL- Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AINL-
Description  96kHz Sampling DS 20bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AINL- Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AINL- Datasheet HTML 2Page - Asahi Kasei Microsystems AINL- Datasheet HTML 3Page - Asahi Kasei Microsystems AINL- Datasheet HTML 4Page - Asahi Kasei Microsystems AINL- Datasheet HTML 5Page - Asahi Kasei Microsystems AINL- Datasheet HTML 6Page - Asahi Kasei Microsystems AINL- Datasheet HTML 7Page - Asahi Kasei Microsystems AINL- Datasheet HTML 8Page - Asahi Kasei Microsystems AINL- Datasheet HTML 9Page - Asahi Kasei Microsystems AINL- Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 6 -
ANALOG CHARACTERISTICS (fs=48kHz)
(Ta=25
°C; VA,VD,VB=5.0V; fs=48kHz; 20bit; Input signal frequency=1kHz,
Measurement Bandwidth=10Hz
20kHz; unless otherwise specified.)
Parameter
min
typ
max
Units
Resolution
20
Bits
Analog Input Characteristics (Analog source impedance: 330
)
S/(N+D)
(Note 4 )
88
97
dB
Dynamic Range
(A-weighted) (Note 5 )
98
104
dB
S/N
(A-weighted) (Note 6 )
98
104
dB
Interchannel Isolation
(f=1kHz)
100
120
dB
Interchannel Gain Mismatch
0.1
0.3
dB
Gain drift
±200
ppm/
°C
Input Voltage Range
±3.26
±3.47
±3.68
Vp-p
Input Impedance
50
80
k
Power Supplies
Power Supply Current
(Note 7 )
Normal Operation
(PD="H")
VA+VB
VD
Power-Down mode
(PD="L")
VA+VB
VD
15
6
20
10
25
9
mA
mA
uA
uA
Power Consumption
(Note 7 )
Normal Operation
Power-Down mode
105
150
170
mW
uW
Power Supply Rejection Ratio
50
dB
Note 4 : The ratio of the rms value of the signal to the sum of all other spectral components up to 20kHz
except for the signal (included harmonic component, excluded DC component, analog input
signal is -0.5dB). Inversed of THD+N.
Note 5 : S/(N+D) with an input signal of 60dB below full-scale.
Note 6 : When using only 20kHzLPF, S/N and DR are 100dB(typ.). When using CCIR-ARM filter,
S/N is 100dB(typ.).
Note 7 : Almost no current is supplied from VB pin.


Similar Description - AINL-

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
   96kHz Sampling 24Bit DS DAC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com