Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRCK Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # LRCK
Description  96kHz Sampling DS 20bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

LRCK Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button LRCK Datasheet HTML 4Page - Asahi Kasei Microsystems LRCK Datasheet HTML 5Page - Asahi Kasei Microsystems LRCK Datasheet HTML 6Page - Asahi Kasei Microsystems LRCK Datasheet HTML 7Page - Asahi Kasei Microsystems LRCK Datasheet HTML 8Page - Asahi Kasei Microsystems LRCK Datasheet HTML 9Page - Asahi Kasei Microsystems LRCK Datasheet HTML 10Page - Asahi Kasei Microsystems LRCK Datasheet HTML 11Page - Asahi Kasei Microsystems LRCK Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 8 -
DIGITAL FILTER CHARACTERISTICS
(Ta=25
°C; VA,VD,VB=5.0V±5%; fs=48kHz)
Low Pass Filter characteristics
Symbol
min
typ
max
Units
Passband
-0.005dB
(Note 12 )
-0.02dB
-0.06dB
PB
0
21.5
21.768
22.0
kHz
Stopband
(Note 13 )
SB
26.5
kHz
Passband Ripple
(Note 14 )
PR
±0.005
dB
Stopband Attenuation (Note 13 ,Note 15 )
SR
80
dB
Group Delay Distortion
GD
0us
Group Delay
(Note 16 )
GD
29.3
1/fs
High Pass Filter characteristics
Frequency Response -3dB (Note 12 )
-0.5dB
-0.1dB
FR
1.0
2.9
6.5
Hz
Hz
Hz
Note 12 : These frequencies scale with the sampling frequency(fs).
Note 13 : Stopband is 26.5kHz to 3.0455MHz at fs=48kHz.
Note 14 : Passband is DC to 21.5kHz at fs=48kHz.
Note 15 : The analog modulator samples the input at 3.072MHz for a system sampling rate of
fs=48kHz. These is no rejection of input signals at those bandwidths which are multiples of
the sampling frequency (n x 3.072MHz ±22kHz ;n=0,1,2,3… ).
Note 16 : The calculation delay time occurred by digital filtering. This is the time from the input of
analog signal to setting the 20bit data of both channels to the output registers. GD=29.3/fs.
ELECTRICAL CHARACTERISTICS
„ Digital Characteristics
(Ta=25
°C; VA,VD,VB=5.0V±5%)
Parameter
Symbol
min
typ
max
Units
High-Level Input voltage
Low-Level Input voltage
VIH
VIL
70%VD
-
-
-
-
30%VD
V
V
High-Level Output voltage
Iout=-20uA
Low-Level Output voltage
Iout=20uA
VOH
VOL
VD-0.1
-
-
-
-
0.1
V
V
Input Leakage Current
(Note 17 )
Iin
-
-
±10
uA
Note 17 : Except for pull-down and pull-up pins. TST1, TST2, TST3, TST4, SMODE2 pins have internal
pull-down device, HPFE pin has internal pull-up device. (TYP.50k
Ω)


Similar Part No. - LRCK

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
   Low Value Flat Chip Resistor
logo
Willow Technologies Ltd
LRC WILLOW-LRC Datasheet
91Kb / 2P
   Fractional Ohm
logo
Token Electronics Indus...
LRC TOKEN-LRC Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
logo
IRC - a TT electronics ...
LRC-LR1206-01-R020-F IRCTT-LRC-LR1206-01-R020-F Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
LRC-LR1206-01-R020-G IRCTT-LRC-LR1206-01-R020-G Datasheet
241Kb / 2P
   Low Value Current Sense Flat Chip Resistor
More results

Similar Description - LRCK

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
   96kHz Sampling 24Bit DS DAC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com