Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8170BU Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK8170BU
Description  1.8V Single Clock Generato節
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8170BU Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK8170BU Datasheet HTML 1Page - Asahi Kasei Microsystems AK8170BU Datasheet HTML 2Page - Asahi Kasei Microsystems AK8170BU Datasheet HTML 3Page - Asahi Kasei Microsystems AK8170BU Datasheet HTML 4Page - Asahi Kasei Microsystems AK8170BU Datasheet HTML 5Page - Asahi Kasei Microsystems AK8170BU Datasheet HTML 6Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AK8170B
May-11
MS01063-E-00
- 4 -
DC Characteristics
All specifications at VDD: over 1.7 to 1.9V, Ta: -20 to +85
C, Input Frequency: 27MHz,
unless otherwise noted
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
High Level Input Voltage
VIH
Pin: CLKIN, FSEL, OE
0.7VDD
V
Low Level Input Voltage
VIL
Pin: CLKIN, FSEL, OE
0.3VDD
V
Input Current 1
IL 1
Pin: CLKIN
-10
+10
μA
High Level Output
Voltage
VOH
Pin: CLKOUT
IOH=-3mA
(VDD=1.8V, Ta=25
C)
0.8VDD
V
Low Level Output
Voltage
VOL
Pin: CLKOUT
IOL=+3mA
(VDD=1.8V, Ta=25
C)
0.2VDD
V
Current Consumption1
IDD1
FSEL=L, No load
(VDD=1.8V, Ta=25
C)
2.4
Current Consumption2
IDD2
FSEL=H, No load
(VDD=1.8V, Ta=25
C)
2.7
mA
Power down current
Ipd
OE=”L”, FSEL=”L”
(VDD=1.8V, Ta=25
C)
0
10
μA
AC Characteristics
All specifications at VDD: over 1.7 to 1.9V, Ta: -20 to +85
C, Input Frequency: 27MHz,
unless otherwise noted
(1) The time that output reaches the target frequency within accuracy of ±0.1% from the point that the power
supply reaches VDD
(2) With the load capacitance specified by the recommended operation conditions
(3) Design value
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Output Clock Duty Cycle
(2) (3)
At VDD/2.
45
50
55
%
Output Clock Rise Time
(2) (3)
trise
0.2VDD to 0.8VDD
4.0
ns
Output Clock Fall Time
(2) (3)
tfall
0.2VDD to 0.8VDD
4.0
ns
Output Clock Jitter
(2) (3)
Jit
Period, 1σ
15
ps
Output Lock Time
(1)
tlock
Power-up
1
ms


Similar Part No. - AK8170BU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8170B AKM-AK8170B Datasheet
426Kb / 6P
   1.8V Single Clock Generator
More results

Similar Description - AK8170BU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8170B AKM-AK8170B Datasheet
426Kb / 6P
   1.8V Single Clock Generator
AK8150CU AKM-AK8150CU Datasheet
371Kb / 6P
   1.8V/3.0V Single-PLL Clock Generator
logo
TDK Electronics
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
   Single Output 15W 節?150W
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
logo
Holt Integrated Circuit...
HT2815 HOLTIC-HT2815 Datasheet
202Kb / 10P
   Mini One-Sound generato
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
logo
Laird Tech Smart Techno...
CMD69273 LSTD-CMD69273 Datasheet
2Mb / 3P
   698節?60 MHz/1710節?700 MHz 2
logo
National Instruments Co...
PD10M440H NI-PD10M440H_15 Datasheet
123Kb / 3P
   85A 450節?00V
logo
PhaseLink Corporation
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com