Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB30H60CT-1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRB30H60CT-1G
Description  SWITCHMODE Power Rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB30H60CT-1G Datasheet(HTML) 2 Page - ON Semiconductor

  MBRB30H60CT-1G Datasheet HTML 1Page - ON Semiconductor MBRB30H60CT-1G Datasheet HTML 2Page - ON Semiconductor MBRB30H60CT-1G Datasheet HTML 3Page - ON Semiconductor MBRB30H60CT-1G Datasheet HTML 4Page - ON Semiconductor MBRB30H60CT-1G Datasheet HTML 5Page - ON Semiconductor MBRB30H60CT-1G Datasheet HTML 6Page - ON Semiconductor MBRB30H60CT-1G Datasheet HTML 7Page - ON Semiconductor MBRB30H60CT-1G Datasheet HTML 8Page - ON Semiconductor MBRB30H60CT-1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MBRB30H60CT−1G, MBR30H60CTG, MBRF30H60CTG, MBRB30H60CTT4G,
NRVBB30H60CTT4G, MBRJ30H60CTG
http://onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
Average Rectified Forward Current
(Rated VR) TC = 159C
IF(AV)
15
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz)
IFRM
30
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
260
A
Operating Junction Temperature (Note 1)
TJ
−55 to +175
C
Storage Temperature
Tstg
*55 to +175
C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Controlled Avalanche Energy (see test conditions in Figures 11 and 12)
WAVAL
350
mJ
ESD Ratings:
Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance
(MBRB30H60CT−1G and MBR30H60CTG)
Junction−to−Case
Junction−to−Ambient
(MBRF30H60CTG and MBRJ30H60CTG)
Junction−to−Case
(MBRB30H60CTT4G and NRVBB30H60CTT4G)
Junction−to−Case
RqJC
RqJA
RqJC
RqJC
2.0
70
4.4
1.6
C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(IF = 15 A, TC = 25C)
(IF = 15 A, TC = 125C)
(IF = 30 A, TC = 25C)
(IF = 30 A, TC = 125C)
vF
0.62
0.56
0.78
0.71
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 25C)
(Rated DC Voltage, TC = 125C)
iR
0.3
45
mA
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle  2.0%.


Similar Part No. - MBRB30H60CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
   SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
167Kb / 9P
   SWITCHMODE??Power Rectifier
January, 2010 ??Rev. 8
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_10 Datasheet
167Kb / 9P
   SWITCHMODE??Power Rectifier
January, 2010 ??Rev. 8
More results

Similar Description - MBRB30H60CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com