Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1152ADU28 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP1152ADU28
Description  14.5V Input / 300mA Output LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1152ADU28 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP1152ADU28 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1152ADU28 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1152ADU28 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1152ADU28 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1152ADU28 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1152ADU28 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1152ADU28 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1152ADU28 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1152ADU28 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
[AP1152ADUXX]
014011330-E-01
- 1 -
2014/12
1. Genaral Description
The AP1152ADUxx is a low dropout linear regulator with ON/OFF control, which can supply 300mA load
current. The IC is an integrated circuit with a silicon monolithic bipolar structure. The output voltage, trimmed
with high accuracy, is available from 1.3 to 9.5V in 0.1V steps. The output capacitor is available to use a small
0.1uF ceramic capacitor (2.5VVout). The over current, thermal and reverse bias protections are integrated, and
also the package is small and high power dissipation type. The IC is designed for space saving requirements.
2. Feature
Available to use a small 0.1uF ceramic capacitor
Dropout Voltage
105mV at 100mA
Output Current
300mA Peak 480mA
High Precision output voltage
1.5% or 50mV
High ripple rejection ratio
80dB at 1kHz
Wide operating voltage range
2.1V to 14.5V
Very low quiescent current
65A at IOUT=0mA
On/Off control (High active)
Built-in Short circuit protection, thermal shutdown
Built-in reverse bias over current protection
Available very low noise application
Very small surface mount package
SOT89-5
3. Application
Any Electronic Equipment
Battery Powered Systems
Mobile Communication
AP1152ADUXX
14.5V Input / 300mA Output LDO Regulator


Similar Part No. - AP1152ADU28

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU28 AKM-AP1152ADU28 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results

Similar Description - AP1152ADU28

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
AP1152ADUXX AKM-AP1152ADUXX Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
BCD Semiconductor Manuf...
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com