Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0504.392NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0504.392NL
Description  Unshielded Drum Core
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0504.392NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0504.392NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0504.392NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
23
SPM2007 (11/07)
SMT POWER INDUCTORS
Unshielded Drum Core - PF0504NL Series
SUGGESTED PAD LAYOUT
.110
2,79REF
.490
12,45 REF
.115
2,92REF
PF0504.XXXNL
Date Code
Country of Origin
.600
15,24 MAX
.730
18,54
MAX
Dot locates
start lead
.005/0,13
.450
11,43 MAX
Mechanical
Schematic
Height: 11.43mm Max
Footprint: 18.54mm x 15.24mm Max
Current Rating: up to 20A
Inductance Range: 0.68µH to 150µH
260°C reflow peak temperature qualified
Leaded technology compatible
1
2
Weight . . . . . . . . . . .6.0 grams
Tape & Reel . . . . . . . .160/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .004
0,10
Inductance 1
Inductance
Saturation Current 3
Heating Current 4
Part 5
@ Irated
Irated 2
DCR
@ 0ADC
ISAT
IDC
Number
(µH TYP)
(A)
(m
Ω MAX)
(µH ±20%)
(A)
(A)
PF0504.681NL
0.68
20.0
2.0
0.68
64
20.0
PF0504.122NL
1.2
17.7
2.6
1.2
48
17.7
PF0504.222NL
2.2
14.7
3.7
2.2
35
14.7
PF0504.332NL
3.3
13.7
4.3
3.3
29
13.7
PF0504.392NL
3.9
11.7
6.7
3.9
26
11.7
PF0504.472NL
4.7
10.8
6.9
4.7
24
10.8
PF0504.682NL
6.8
9.0
9.8
6.8
20
9.0
PF0504.103NL
10
7.1
15
10
16
7.1
PF0504.183NL
18
6.0
25
18
13
6.0
PF0504.223NL
22
5.4
27
22
11
5.4
PF0504.333NL
33
4.4
42
33
9
4.4
PF0504.403NL
40
4.0
50
40
8
4.0
PF0504.473NL
47
3.5
55
47
7
3.5
PF0504.104NL
100
2.3
153
100
5
2.3
PF0504.154NL
150
2
200
150
4
2
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 6
TAPE & REEL
LAYOUT
.742
18,85
.522
13,25
USER DIRECTION
OF FEED
.612
15,55
.945
24,00
1.732 ± .012
44,00 ± 0,30


Similar Part No. - PF0504.392NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0504.392NL PULSE-PF0504.392NL Datasheet
187Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - PF0504.392NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
   Unshielded Drum Core
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
   Unshielded Drum Core Inductor
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
   Unshielded Drum Core ??PG0016NL Series
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
   Unshielded Drum Core - PF0580NL Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com