Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-92109NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-92109NL
Description  THT Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-92109NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-92109NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-92109NL Datasheet HTML 2Page - Pulse A Technitrol Company PE-92109NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P635.B (02/15)
2
pulseelectronics.com
THT Power Inductors
Toroid - Vertical, Low Profile and Klipmount™
0
.25
.50 .75 1.00 1.25 1.50
2.00
1.75
1.50
1.25
1.00
.75
.50
.25
Temp. Rise
>40°C
OPERATING DC CURRENT
REFERENCE IDC
Inductance vs. Operating ET
(at reference IDC)
0
.25
.50 .75 1.00 1.25 1.50
2.00
1.75
1.50
1.25
1.00
.75
.50
.25
Temp. Rise
>40°C
OPERATING ET
REFERENCE ET
Max. Operating ET vs. Frequency
(at reference IDC)
02030405060708090 100
2.00
1.75
1.50
1.25
1.00
.75
.50
.25
OPERATING FREQUENCY — kHz
Relationships Between Reference and Operating Conditions
Klipmount™ Package
Mechanical
Schematic
Standard
Package
A
B
C
D
H
EV)
.340
8,64
.580
14,73
.650
16,51
.29
7,37
.110
2,79
.450
11,43
.650
16,51
.700
17,78
.325
8,26
.150
3,81
.450
11,43
.850
21,59
.950
24,13
.415
10,54
.150
3,81
.620
15,50
.970
24,64
1.10
27,94
.475
12,07
.225
5,72
.700
17,78
1.30
33,02
1.40
35,56
.625
15,88
.250
6,35
Maximum
Typical
KM-1
KM-3
KM-2
KM-4
KM-5
B
D
C
1
2
E
2E
.130 ± .020
3,30,508
A
Note: Units with large wire sizes may exceed B dimension.
KLIPMOUNT™ is a trademark of Pulse Engineering, Inc.
• Base material meets flammability requirements of UL 94V-0
• Mechanically rigid mount
• PC Board - automatic insertability
• Lowest cost
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25


Similar Part No. - PE-92109NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92109 PULSE-PE-92109 Datasheet
92Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92109 PULSE-PE-92109 Datasheet
115Kb / 3P
   THT POWER INDUCTORS
PE-92109 PULSE-PE-92109 Datasheet
100Kb / 2P
   Toroid - Vertical, Low Profile and KlipMount
PE-92109 PULSE-PE-92109 Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92109 PULSE-PE-92109 Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
More results

Similar Description - PE-92109NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92101NL PULSE-PE-92101NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PG0122NL PULSE-PG0122NL Datasheet
414Kb / 2P
   THT Power Inductors
P1715L PULSE-P1715L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PG0036NL PULSE-PG0036NL Datasheet
123Kb / 2P
   THT POWER INDUCTORS
PE-92102NL PULSE-PE-92102NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92112K PULSE-PE-92112K Datasheet
115Kb / 3P
   THT POWER INDUCTORS
PE-92116K PULSE-PE-92116K Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92414NL PULSE-PE-92414NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92103NL PULSE-PE-92103NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92117NL PULSE-PE-92117NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com