Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1152ADU24 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP1152ADU24
Description  14.5V Input / 300mA Output LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1152ADU24 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP1152ADU24 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1152ADU24 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1152ADU24 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1152ADU24 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1152ADU24 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1152ADU24 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1152ADU24 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1152ADU24 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1152ADU24 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
[AP1152ADUXX]
014011330-E-01
- 4 -
2014/12
6. Ordering Information
AP1152ADUXX
-40 to 85°C
SOT89-5
Output Voltage Code
For product name, please check the below chart. Please contact your authorized ASAHI KASEI
MICRODEVICES representative for voltage availability.
AP1152ADUXX
Table 1. Standard Voltage Version, Output Voltage & Voltage Code
XX
VOUT
XX
VOUT
XX
VOUT
18
1.8
30
3.0
45
4.5
25
2.5
33
3.3
50
5.0
28
2.8
40
4.0
-
-
Table 2. Optional Voltage Version, Output Voltage & Voltage Code
XX
VOUT
XX
VOUT
XX
VOUT
XX
VOUT
13
1.3
26
2.6
41
4.1
54
5.4
14
1.4
27
2.7
42
4.2
5E
5.45
15
1.5
29
2.9
43
4.3
55
5.5
16
1.6
31
3.1
44
4.4
60
6.0
17
1.7
32
3.2
46
4.6
65
6.5
19
1.9
34
3.4
47
4.7
70
7.0
20
2.0
35
3.5
48
4.8
75
7.5
21
2.1
36
3.6
49
4.9
80
8.0
22
2.2
37
3.7
51
5.1
85
8.5
23
2.3
38
3.8
52
5.2
90
9.0
24
2.4
39
3.9
53
5.3
95
9.5
Output voltage code


Similar Part No. - AP1152ADU24

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU24 AKM-AP1152ADU24 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results

Similar Description - AP1152ADU24

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
AP1152ADUXX AKM-AP1152ADUXX Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
BCD Semiconductor Manuf...
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com