Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0138.332NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0138.332NL
Description  Flat Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0138.332NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0138.332NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0138.332NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schematic
1
2
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
60
SPM2007 (11/07)
SMT POWER INDUCTORS
Flat Coils - PG0006NL and PG0138NL Series
Height: 6.0mm Max (PG0006) - 4.8mm Max (PG0138)
Footprint: 13.4mm x 13.3mm (PG0006)
13.0mm x 12.8mm (PG0138)
Current Rating: up to 28.3ADC
Inductance Range 0.50µH to 5.0µH
C
SUGGESTED PAD LAYOUT
D
E
F
(NO CONNECTION)
PG0006.XXX
PG0138.XXX
Date Code Country of Origin
A
B
3X.100 ± .010
2,54 ± 0,25
3X.100 ± .010
2,54 ± 0,25
Mechanical
Part
7,8
Inductance
2
Irated3
DCR (m
Ω)
Inductance
Saturation
4
Heating
5
Core Loss
6
Number
@Irated
(A)
@0ADC
Current
Current IDC
Factor
(
μH TYP)
TYP
MAX
(
μH ±20%)
ISAT (A)
(A)
K2
PG0006NL SERIES
PG0006.601NL
0.5
23
0.6
0.75
0.60
23
47
69.3
PG0006.102NL
0.9
20
1.4
1.75
1.0
20
31
77.1
PG0006.212NL
1.9
14
3.0
3.6
2.1
14
21
121.3
PG0006.312NL
2.8
12
7.0
7.5
3.1
12
14
119.4
PG0006.422NL
3.8
10
7.0
7.5
4.2
10
14
161.8
PG0006.462NL
4.2
9
9.8
10.4
4.6
9
1 2
151.9
PG0006.552NL
5
8
11.8
12.4
5.5
8
1 1
158.9
PG0138NL SERIES
PG0138.601NL
0.48
28.3
1.40
1.75
0.60
28.3
30.5
55.3
PG0138.102NL
0.8
21
3.0
3.6
1.0
22.8
21
69.1
PG0138.222NL
1.8
13.5
7.0
7.5
2.2
15.5
13.5
101.3
PG0138.332NL
2.8
11.5
9.8
10.4
3.3
12.2
11.5
130.3
PG0138.472NL
3.7
10.2
11.8
12.4
4.7
10.2
10.5
162.3
PG0138.552NL
4.4
8.2
11.8
12.4
5.5
8.2
10.5
190.0
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C 1
PG0006
PG0138
Weight ......................3.0 grams .............2.4 grams
Tape & Reel.................340/reel ................600/reel
A
.528/13,40 MAX
.504/12,80 MAX
B
.523/13,28 MAX
.512/13,00 MAX
C
.236/6,00 MAX
.193/4,90 MAX
D
.260/6,60 ±.005/0,12
.260/6,60 ±.005/0,12
E
.417/10,60 ±.005/0,12
.425/10,80 ±.005/0,12
F
3x.146/3,70 ±.005/0,12
3x.146/3,70 ±.005/0,12
G
.787/20,00
.630/16,00
H
.945/24,00
.945/24,00
I
.272/6,91
.232/5,90
Dim.
PG0006
PG0138
TAPE & REEL LAYOUT
G
H
I
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25


Similar Part No. - PG0138.332NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0138.332NL PULSE-PG0138.332NL Datasheet
215Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0006NL and PG0138NL Series
More results

Similar Description - PG0138.332NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0434.181NL PULSE-PG0434.181NL Datasheet
242Kb / 2P
   Flat Coils
PG0277.401NL PULSE-PG0277.401NL Datasheet
88Kb / 2P
   Flat Coils
logo
Allied Components Inter...
RFC20 ALLIED-RFC20 Datasheet
895Kb / 1P
   Radial Flat Coils
logo
Central Technologies
CTFCF CT-CTFCF Datasheet
205Kb / 1P
   Flat Coils - Radial
logo
Allied Components Inter...
RFC20-1R0K-RC ALLIED-RFC20-1R0K-RC Datasheet
894Kb / 1P
   Radial Flat Coils
logo
RCD COMPONENTS INC.
FRL1ER-R82-KBW RCD-FRL1ER-R82-KBW Datasheet
32Kb / 1P
   FLAT RADIAL LEAD INDUCTOR COILS
logo
Pulse A Technitrol Comp...
PG0426NL PULSE-PG0426NL Datasheet
88Kb / 2P
   SMT POWER INDUCTORS Flat Coils
PG0083332NLT PULSE-PG0083332NLT Datasheet
85Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0083 Series
SPM2007 PULSE-SPM2007_33 Datasheet
238Kb / 2P
   SMT POWER INDUCTORS Flat coils - PG0426NL Series
PG0077.142T PULSE-PG0077.142T Datasheet
135Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0077 and PG0084 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com