Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7311-OR1 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7311-OR1
Description  Low quiescent current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7311-OR1 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7311-OR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-OR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-OR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-OR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-OR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-OR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-OR1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-OR1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-OR1 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
0
Figure 18. Tape and Reel Format – 4 mm x 4 mm.
Tape and Reel Information
Dimension List
Dimension
Millimeter
Dimension
Millimeter
A0
4.40±0.0
P2
2.00±0.05
B0
4.40±0.0
P0
40.00±0.20
K0
.70±0.0
E
.75±0.0
D0
.55±0.05
F
5.50±0.05
D
.60±0.0
W
2.00±0.30
P0
4.00±0.0
T
0.30±0.05
P
8.00±0.0


Similar Part No. - ACPM-7311-OR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7311-OR1 BOARDCOM-ACPM-7311-OR1 Datasheet
672Kb / 16P
   UMTS800 4x4 Power Amplifier Module
More results

Similar Description - ACPM-7311-OR1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
   Low quiescent current
June 2015 Rev 10
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
   Low quiescent current
ACPM-7381-OR1 AVAGO-ACPM-7381-OR1 Datasheet
803Kb / 15P
   Low quiescent current
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
STMicroelectronics
STEVAL-ISA079V1 STMICROELECTRONICS-STEVAL-ISA079V1 Datasheet
271Kb / 4P
   Extremely low quiescent current
March 2012 Rev 1
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com