Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7332 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7332
Description  high efficiency at max output power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7332 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7332 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7332 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7332 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7332 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7332 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7332 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7332 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7332 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7332 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
��
Tape and Reel Information
Dimension List
Annote
Millimeter
Annote
Millimeter
A�
�.��±�.��
P2
2.��±�.�5
B�
�.��±�.��
P��
��.��±�.2�
K�
�.7�±�.��
��
�.75±�.��
D�
�.55±�.�5
��
5.5�±�.�5
D�
�.6�±�.��
W
�2.��±�.3�
P�
�.��±�.��
T
�.3�±�.�5
P�
8.��±�.��
T���e ������ �ee� �������� �� � �� � � ��.


Similar Part No. - ACPM-7332

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7332 BOARDCOM-ACPM-7332 Datasheet
1Mb / 16P
   UMTS Band2 (1850-1910MHz) 4x4mm Power Amplifier Module
ACPM-7332-BLK BOARDCOM-ACPM-7332-BLK Datasheet
1Mb / 16P
   UMTS Band2 (1850-1910MHz) 4x4mm Power Amplifier Module
ACPM-7332-TR1 BOARDCOM-ACPM-7332-TR1 Datasheet
1Mb / 16P
   UMTS Band2 (1850-1910MHz) 4x4mm Power Amplifier Module
More results

Similar Description - ACPM-7332

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
Skyworks Solutions Inc.
SKY77448 SKYWORKS-SKY77448 Datasheet
78Kb / 2P
   High efficiency at all power levels
logo
Cypress Semiconductor
MB39C015 CYPRESS-MB39C015 Datasheet
1Mb / 43P
   High efficiency : 96% (Max)
logo
EHAOAN.
EH-3535A850-D60 EHAOAN-EH-3535A850-D60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-2835S850-2045 EHAOAN-EH-2835S850-2045 Datasheet
3Mb / 9P
   High output power at 850nm
logo
International Rectifier
IR3477M IRF-IR3477M_15 Datasheet
904Kb / 21P
   Excellent Efficiency at Very Low Output Currents
logo
Bel Fuse Inc.
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com