Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7381-BLKR Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7381-BLKR
Description  Low quiescent current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7381-BLKR Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7381-BLKR Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7381-BLKR Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7381-BLKR Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7381-BLKR Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7381-BLKR Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7381-BLKR Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7381-BLKR Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7381-BLKR Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPM-7381-BLKR Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image

Reel Drawing
Figure 19. Plastic Reel Format (all dimensions are in millimeters)
NOTES:
1. Reel shall be labeled with the following information
(as a minimum).
a. manufacturers name or symbol
b. Avago Technologies part number
c. purchase order number
d. date code
e. quantity of units
2. A certificate of compliance (c of c) shall be issued
and accompany each shipment of product.
3. Reel must not be made with or contain ozone
depleting materials.
4. All dimensions in millimeters (mm)
50 min.
12.4 +2.0
-0.0
18.4 max.
25
min wide (ref)
Slot for carrier tape
insertion for attachment
to reel hub (2 places 180˚ apart)
BACK VIEW
FRONT VIEW
178
Shading indicates
thru slots
+0.4
-0.2
21.0 ± 0.8
13.0 ± 0.2
1.5 min.


Similar Part No. - ACPM-7381-BLKR

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7381-BLKR BOARDCOM-ACPM-7381-BLKR Datasheet
803Kb / 15P
   UMTS2100 4x4 Power Amplifier Module
More results

Similar Description - ACPM-7381-BLKR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
   Low quiescent current
June 2015 Rev 10
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-OR1 AVAGO-ACPM-7311-OR1 Datasheet
672Kb / 16P
   Low quiescent current
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
   Low quiescent current
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
STMicroelectronics
STEVAL-ISA079V1 STMICROELECTRONICS-STEVAL-ISA079V1 Datasheet
271Kb / 4P
   Extremely low quiescent current
March 2012 Rev 1
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com