Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7382-BLK Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7382-BLK
Description  Lead-free, RoHS compliant, Green
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7382-BLK Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7382-BLK Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7382-BLK Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7382-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7382-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7382-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7382-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7382-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7382-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7382-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Package Dimensions
Marking Specification
All dimensions are in millimeter
Footprint
PIN Description
Pin #
Name
Description
1
Vcc1
DC Supply Voltage
2
RFin
RF Input
3
Vbp
Bypass Control
4
Vmode
Mode Control
5
Ven
PA Enable
6
GND
Ground
7
GND
Ground
8
RFout
RF Output
9
GND
Ground
10
Vcc2
DC Supply Voltage
All dimensions are in millimeter
1.90 1.70
0.85
1.20
1.90
0.40
0.40
0.10
5
2
3
4
10
6
9
8
7
4 ± 0.1
Pin 1 Mark
0.50 TYP.
1
4 ± 0.1
0.9 ± 0.1
Pin 1 Mark
AVAGO
ACPM-7382
PYYWW
AAAAAA
Manufacturing Part Number
Lot Number
P
Manufacturing info
YY
Manufacturing Year
WW
Work Week
AAAAAA
Assembly Lot Number


Similar Part No. - ACPM-7382-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7382-BLK BOARDCOM-ACPM-7382-BLK Datasheet
660Kb / 16P
   UMTS Band1 (1920-1980MHz) 4x4 Power Amplifier Module
More results

Similar Description - ACPM-7382-BLK

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
   RoHS Compliant, lead-free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
   RoHS Compliant / Lead Free
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
   RoHS Compliant / Lead-Free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
   Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800R ETC2-ATC800R Datasheet
207Kb / 5P
   RoHS Compliant / Lead-Free
logo
Astrodyne Corporation
NV300-3LF ASTRODYNE-NV300-3LF Datasheet
529Kb / 4P
   Lead-Free / RoHS Compliant Design
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
   Lead-Free and RoHS Compliant
Rev 0; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com