Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7833 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7833
Description  Dynamic bias control for low midpower Idd
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7833 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7833 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Power Mode
PA_ON
Vcntl
Power Range
Shut Down
LOW
0V
High Power
HIGH
2.5V
- 28.5 dBm
To Duplexer
Battery
Vcntl
PA
TxIC
Switch Circuit for PA
Baseband
IC
PA_ON
Enable
Vdd1
Vdd2
Vbias
Vcntl
PMIC or LDO
Note: PMIC: Power Management IC
LDO: Low Drop Output (Regulator)
Design Tips to use Vcntl pin
Power Amplifier Control Using Vcntl Pin on ACPM-7833
Power amplifier control scheme in CDMA systems is
one of the important and challenging aspects of CDMA-
based handset design. Handset designers must balance
maintaining adequate linearity while optimizing
efficiency at high, medium and low output power
levels. The primary method to achieve these goals is
to adjust the bias of the PA as a function of output
power. Theoretically, the best efficiency would be
achieved when the bias of the PA is continually
adjusted based on the output power requirement of
the PA. However, implementing this type of circuit can
be complex and costly. Therefore several different
approaches have been developed to provide an
acceptable trade-off between optimum efficiency and
optimum manufacturability. This application section
reviews four methods of controlling the bias of a CDMA
power amplifier: fixed, step, logical and dynamic.
1. Fixed Bias Control
Using a fixed bias point on the PA is the traditional
method, and it is the simplest. For example, the
recommended value of the fixed control voltage on
the Vcntl pin for the ACPM-7833 is 2.5V. The Vcntl pin
on the PA is controlled by PA_ON pin of the baseband
IC. When PA_ON is HIGH, the output RF signal of the
PA is enabled, enabling the subscriber unit to transmit
the required data. The switch circuit also controls the
on/off state of the PA.
Below is an example of how to control the the output
of the PA using PA_ON and Vcntl pins.


Similar Part No. - ACPM-7833

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACPM-7833 HP-ACPM-7833 Datasheet
189Kb / 21P
   CDMA1900 (PCS) Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7833 BOARDCOM-ACPM-7833 Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7833-BLK HP-ACPM-7833-BLK Datasheet
189Kb / 21P
   CDMA1900 (PCS) Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7833-BLK BOARDCOM-ACPM-7833-BLK Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7833-TR1 HP-ACPM-7833-TR1 Datasheet
189Kb / 21P
   CDMA1900 (PCS) Power Amplifier Module
More results

Similar Description - ACPM-7833

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813 AVAGO-ACPM-7813 Datasheet
217Kb / 20P
   Dynamic bias control for low midpower Idd
logo
Infineon Technologies A...
BCR400 INFINEON-BCR400 Datasheet
94Kb / 3P
   Application Considerations for the Integrated Bias Control Circuits
2000-07-27
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
   Dynamic LED control/drive circuit
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Gennum Corporation
GX4002 GENNUM-GX4002 Datasheet
3Mb / 74P
   Dynamic on-chip power management control
logo
Feature Integration Tec...
F75122R FINTEK-F75122R Datasheet
765Kb / 35P
   Dynamic VID Control 8 GPIO Datasheet
F75121 FINTEK-F75121 Datasheet
937Kb / 45P
   Dynamic VID Control 8 GPIO Datasheet
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E_02 Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
logo
Hamamatsu Corporation
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com