Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7833-BLK Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7833-BLK
Description  Dynamic bias control for low midpower Idd
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7833-BLK Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7833-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-BLK Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833-BLK Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Typical Performance, data measured in 50
Ω system,
Vdd1=Vdd2=Vbias = 3.0V, Vcntl = 2.5V, T = 25°C and Freq =1880 MHz.
Figure 11. Idd vs. Pout.
Pout (dBm)
Figure 12. ACPR (1.25 MHz offset) vs. Pout.
Pout (dBm)
Figure 13. ACPR (1.98 MHz offset) vs. Pout.
Pout (dBm)
Figure 14. Harmonic Suppression vs. Pout.
Vcntl (V)
Figure 15. Gain vs. Vcntl.
030
10
5
15
25
20
-50
-55
-60
-65
-70
-75
-80
-85
-90
Pout (dBm)
Figure 9. Gain vs. Pout.
030
10
5
15
25
20
30
29
28
27
26
25
Pout (dBm)
Figure 10. PAE vs. Pout.
030
10
5
15
25
20
50
40
30
20
10
0
Pout (dBm)
030
10
5
15
25
20
500
400
300
200
100
0
030
10
5
15
25
20
-40
-45
-50
-55
-60
-65
10
30
20
15
25
-30
-35
-40
-45
-50
2nd
3rd
02.8
0.8
0.4
1.2
2.0
2.4
1.6
40
20
0
-20
-40


Similar Part No. - ACPM-7833-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACPM-7833-BLK HP-ACPM-7833-BLK Datasheet
189Kb / 21P
   CDMA1900 (PCS) Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7833-BLK BOARDCOM-ACPM-7833-BLK Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
More results

Similar Description - ACPM-7833-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813 AVAGO-ACPM-7813 Datasheet
217Kb / 20P
   Dynamic bias control for low midpower Idd
logo
Infineon Technologies A...
BCR400 INFINEON-BCR400 Datasheet
94Kb / 3P
   Application Considerations for the Integrated Bias Control Circuits
2000-07-27
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
   Dynamic LED control/drive circuit
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Gennum Corporation
GX4002 GENNUM-GX4002 Datasheet
3Mb / 74P
   Dynamic on-chip power management control
logo
Feature Integration Tec...
F75122R FINTEK-F75122R Datasheet
765Kb / 35P
   Dynamic VID Control 8 GPIO Datasheet
F75121 FINTEK-F75121 Datasheet
937Kb / 45P
   Dynamic VID Control 8 GPIO Datasheet
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E_02 Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
logo
Hamamatsu Corporation
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com