Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C45C Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK93C45C
Description  1K/2K/4Kbit Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C45C Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK93C45C Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 10Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ASAHI KASEI
[AK93C45C/55C/65C]
DAM06E-01
2005/10
- 7 -
PAGE WRITE (AK93C55C)
PAGE WRITE (AK93C65C)
A5
D2
D1
D0
D15 D14
D15
D0
Hi-Z
D15 D14
D2
D1
D0
D0
27
9
11
12
25
28
29
41
42
43
Hi-Z
A0
D15
D2
A4
A3
A2
0
1
1
1
X
A6
SK
CS
DI
DO
SK
CS
DI
DO
Ready
0
1
2
3
4
5
6
7
8
10
A1
Data(n)
Data(n+1)
Data(n+3)
26
D1
tCS
Busy
tE/W
PE
PE
AK93C55C output a logic "1" (Ready status),
if previous instruction is WRITE, PAGE WRITE, WRAL.
X: Don't care
A5
D2
D1
D0
D15 D14
D15
D0
Hi-Z
D15 D14
D2
D1
D0
D0
27
9
11
12
25
28
29
41
42
43
Hi-Z
A0
D15
D2
A4
A3
A2
0
1
1
1
A7
A6
SK
CS
DI
DO
SK
CS
DI
DO
Ready
0
1
2
3
4
5
6
7
8
10
A1
Data(n)
Data(n+1)
Data(n+3)
26
D1
tCS
Busy
tE/W
PE
PE
AK93C65C output a logic "1" (Ready status),
if previous instruction is WRITE, PAGE WRITE, WRAL.


Similar Part No. - AK93C45C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C45C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
Catalyst Semiconductor
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com