Electronic Components Datasheet Search |
|
AK6420AM Datasheet(PDF) 2 Page - Asahi Kasei Microsystems |
|
AK6420AM Datasheet(HTML) 2 Page - Asahi Kasei Microsystems |
2 / 15 page ASAHI KASEI [AK6420A/40A/80A] DAS01E-00 1999/05 - 2 - General Description The AK6420A/40A/80A is a 2048/4096/8192bit, serial, read/write, non-volatile memory device fabricated using an advanced CMOS EEPROM technology. The AK6420A has 2048bits of memory organized into 128 registers of 16 bits each. The AK6440A has 4096bits of memory organized into 256 registers of 16 bits each. The AK6480A has 8192bits of memory organized into 512 registers of 16 bits each. The AK6420A/40A/80A can operate full function under wide operating voltage range from 1.8V to 5.5V. The charge up circuit is integrated for high voltage generation that is used for write operation. The AK6420A/40A/80A can connect to the serial communication port of popular one chip microcomputer directly (3 line negative clock synchronous interface). At write operation, AK6420A/40A/80A takes in the write data from data input pin (DI) to a register synchronously with rising edge of input pulse of serial clock pin (SK). And at read operation, AK6420A/40A/80A takes out the read data from a register to data output pin (DO) synchronously with falling edge of SK. The AK6420A/40A/80A has 4 instructions such as READ, WRITE, WREN (write enable) and WRDS (write disable). Each instruction is organized by op-code block (8bits), address block (8bits) and data (8bits × 2). When input level of SK pin is high level and input level of chip select (CS) pin is changed from high level to low level, AK6420A/40A/80A can receive the instructions. Special features of the AK6420A/40A/80A include : automatic write time-out with auto-ERASE, Ready/Busy status signal output and ultra-low standby power mode when deselected (CS=high). • Software and Hardware controlled write protection The AK6420A/40A/80A has 2 (hardware and software) write protection functions. After power on or after execution of WRDS (write disable) instruction, execution of WRITE instruction will be disabled. This write protection condition continues until WREN instruction is executed or Vcc is removed from the part. Execution of READ instruction is independent of both WREN and WRDS instructions. Reset pin should be low level when WRITE instruction is executed. When the Reset pin is high level, the WRITE instruction is not executed. • Ready/Busy status signal During the automatic write time-out period (BUSY status), the AK6420A/40A/80A can't accept the other instructions. The AK6420A/40A/80A has 2 functions to know the Busy status from exterior. The RDY/BUSY pin indicates the Busy status regardless of the CS pin status. The RDY/BUSY pin outputs the low level regardless of the CS pin status during Busy status. Except the above status, this pin outputs high level. Also the DO pin indicates the Busy status. When input level of SK pin is low level and input level of CS pin is changed from high level to low level, the AK6420A/40A/80A is in the status output mode and the DO pin indicates the Ready/Busy status. The Ready/Busy status outputs on DO pin until CS pin is changed from low level to high level, or first bit ("1") of op-code of next instruction is given to the part. Except when the device is in the status output mode or outputs data, the DO pin is in the high impedance state. Type of Products Model Memory size Temp.Range Vcc Package AK6420AF AK6420AM 2Kbits -40 °C∼85°C -40 °C∼85°C 1.8V ∼ 5.5V 1.8V ∼ 5.5V 8pin Plastic SOP 8pin Plastic SSOP AK6440AF AK6440AM 4Kbits -40 °C∼85°C -40 °C∼85°C 1.8V ∼ 5.5V 1.8V ∼ 5.5V 8pin Plastic SOP 8pin Plastic SSOP AK6480AF AK6480AM 8Kbits -40 °C∼85°C -40 °C∼85°C 1.8V ∼ 5.5V 1.8V ∼ 5.5V 8pin Plastic SOP 8pin Plastic SSOP |
Similar Part No. - AK6420AM |
|
Similar Description - AK6420AM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |