Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C45C Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK93C45C
Description  1K/2K/4Kbit Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C45C Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK93C45C Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ASAHI KASEI
[AK93C45C/55C/65C]
DAM06E-01
2005/10
- 3 -
Type of Products
Model
Memory size
Temp. Range
VCC
Package
AK93C45CT
-40°C to +85°C
1.5V to 5.5V
8pin Plastic TMSOP
AK93C45CL
-40°C to +85°C
1.5V to 5.5V
8pin Plastic SON
AK93C45CU
1K bits
-40°C to +85°C
1.5V to 5.5V
8pin Plastic USON
AK93C55CT
-40°C to +85°C
1.5V to 5.5V
8pin Plastic TMSOP
AK93C55CL
-40°C to +85°C
1.5V to 5.5V
8pin Plastic SON
AK93C55CU
2K bits
-40°C to +85°C
1.5V to 5.5V
8pin Plastic USON
AK93C65CT
-40°C to +85°C
1.5V to 5.5V
8pin Plastic TMSOP
AK93C65CL
-40°C to +85°C
1.5V to 5.5V
8pin Plastic SON
AK93C65CU
4K bits
-40°C to +85°C
1.5V to 5.5V
8pin Plastic USON
Pin Arrangement
Pin Name
Function
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
PE
Program Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
*1
(note) The PE is internally pulled up to VCC ( R = typ.2.5M
Ω, VCC=5V ).
*1: Please Open NC pin.
SK
NC
VCC
PE
GND
DO
DI
CS
18
2
3
4
7
6
5
AK93C45CL/55CL/65CL
8pin SON
AK93C45CT/55CT/65CT
8pin TMSOP
NC
SK
CS
DI
DO
1
2
3
4
8
7
6
5
GND
PE
VCC
1
2
3
4
SK
NC
VCC
PE
GND
DO
DI
CS
8
7
6
5
AK93C45CU/55CU/65CU
8pin USON


Similar Part No. - AK93C45C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C45C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
Catalyst Semiconductor
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com