Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C45C Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK93C45C
Description  1K/2K/4Kbit Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C45C Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK93C45C Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 10Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 11Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 12Page - Asahi Kasei Microsystems AK93C45C Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ASAHI KASEI
[AK93C45C/55C/65C]
DAM06E-01
2005/10
- 9 -
READ
The read instruction is the only instruction which outputs serial data on the DO pin.
Following the Start bit, first Op code and address are decoded, then the data from the selected
memory location is available at the DO pin.
A dummy bit (logical "0") precedes the 16-bit data from
the selected memory location.
The output data changes are synchronized with the rising edges of
the serial clock (SK).
The data in the next address can be read sequentially by continuing to provide clock.
The address
automatically cycles to the next higher address after the 16bit data shifted out.
When the highest address is reached, the address counter rolls over to address 00h allowing the
read cycle to be continued indefinitely.
READ (AK93C45C)
READ (AK93C55C)
READ (AK93C65C)
AK93C45C output a logic "1" (Ready status),
if previous instruction is W RITE, PAGE WRITE,
WRAL.
address[A5–A0]+1
Hi-Z
Hi-Z
Dummy
Bit
address[A5–A0]
0
CS
SK
DI
DO
Start bit
Op code
D0
1
2
3
4
5
10
11
D14
D15
A0
A1
A4
0
1
1
0
25
26
40
41
D15
D1
D0
0
8
9
A5
AK93C55C output a logic "1" (Ready status),
if previous instruction is W RITE, PAGE WRITE,
WRAL.
address[A6–A0]+1
Hi-Z
Hi-Z
Dummy
Bit
address[A6–A0]
0
CS
SK
DI
DO
Start bit
Op code
D0
1
2
3
4
5
12
13
D14
D15
A0
A1
A6
0
1
1
0
27
28
42
43
D15
D1
D0
0
X: Don't care
10
11
X
AK93C65C output a logic "1" (Ready status),
if previous instruction is W RITE, PAGE WRITE,
WRAL.
address[A7–A0]+1
Hi-Z
Hi-Z
Dummy
Bit
address[A7–A0]
0
CS
SK
DI
DO
Start bit
Op code
D0
1
2
3
4
5
12
13
D14
D15
A0
A1
A6
0
1
1
0
27
28
42
43
D15
D1
D0
0
10
11
A7


Similar Part No. - AK93C45C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C45C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
Catalyst Semiconductor
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com