Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTAD.01.A.50 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # DTAD.01.A.50
Description  Complete Reference Design
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

DTAD.01.A.50 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  DTAD.01.A.50 Datasheet HTML 1Page - Taoglas antenna solutions DTAD.01.A.50 Datasheet HTML 2Page - Taoglas antenna solutions DTAD.01.A.50 Datasheet HTML 3Page - Taoglas antenna solutions DTAD.01.A.50 Datasheet HTML 4Page - Taoglas antenna solutions DTAD.01.A.50 Datasheet HTML 5Page - Taoglas antenna solutions DTAD.01.A.50 Datasheet HTML 6Page - Taoglas antenna solutions DTAD.01.A.50 Datasheet HTML 7Page - Taoglas antenna solutions DTAD.01.A.50 Datasheet HTML 8Page - Taoglas antenna solutions DTAD.01.A.50 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SPE-13-8-041/B/RC | page 2 of 24
The DTAD.01.A.50 is an evaluation board
for Taoglas new patent pending series
of Evolution DTA tunable antennas.
DTA antennas deliver higher efficiency
on smaller ground-plane than traditional
passive antennas, enabling a new
miniaturized generation of high
performance wireless devices.
Typical applications would be 3G On
Board Diagnostic (OBDII) Devices in
automotive, medical telemetry devices,
4G dongles, access points and routers.
The board contains a surface-mount
ceramic antenna DTA.01, a tunable
capacitor PE64102 DuNE™ (32 state
capacitance) from Peregrine
Semiconductor and a matching circuit.
Via a USB connection to the board,
the antenna frequency response is shifted
via a command from a PC with Peregrine
supplied software and driver.
The antenna parameters itself can be
measured via the on-board SMA connector.
A new generation of M2M devices with as
little as a 50mm ground-plane in length can
now achieve wide frequency coverage and
higher data rates with bandwidth beating
any passive antenna in the market with the
same footprint and volume.
The DTAD.01.A.50 board (60.50x45mm)
with ground plane size of 50x45 mm can
perform efficiently at a bandwidth from
698-960 MHz and from 1710-2170 MHz,
covering all worldwide cellular 3G/4G
bands in a tiny form factor. In combination
with your device’s microprocessor it has the
ability to dynamically improve the efficiency
of a given antenna band in real time.
Using a combination of the DTA.01 and
the PE64102 we can cover the entire
bandwidth for 3G and 4G cellular bands.
Using the State 03 (2.58 pF) we can cover
the 700/850/1800/1900 and 2100 MHz
Band only and with the State 13 (6.52)
pF we can cover a penta-band solution
850/900/1800/1900 and 2100 MHz.
The optimal states will change depending
on the ground-plane, device’s board and
mechanical environment.
Please download the Peregrine’s full set of
support information. See our full links in the
appendix at the end of the document.
The DTAD01 board with a ground plane of
50x45 mm has not been designed with the
intention of passing the cellular carrier’s
minimum requirements. The integration is
to achieve the maximum performance
possible in the smallest form factor.
1. Introduction


Similar Part No. - DTAD.01.A.50

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
1Mb / 25P
   Compact Evaluation Boards
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
   Compact Evaluation Boards
More results

Similar Description - DTAD.01.A.50

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7053-ND24 AVAGO-ADNK-7053-ND24 Datasheet
98Kb / 6P
   Complete laser mouse reference design kit
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_12 Datasheet
2Mb / 46P
   Energy Meter Reference Design
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com