Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1321ELH Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1321ELH
Description  Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321ELH Datasheet(HTML) 8 Page - Allegro MicroSystems

  A1321ELH Datasheet HTML 1Page - Allegro MicroSystems A1321ELH Datasheet HTML 2Page - Allegro MicroSystems A1321ELH Datasheet HTML 3Page - Allegro MicroSystems A1321ELH Datasheet HTML 4Page - Allegro MicroSystems A1321ELH Datasheet HTML 5Page - Allegro MicroSystems A1321ELH Datasheet HTML 6Page - Allegro MicroSystems A1321ELH Datasheet HTML 7Page - Allegro MicroSystems A1321ELH Datasheet HTML 8Page - Allegro MicroSystems A1321ELH Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
A1321-DS Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321/A1322/A1323
Package LH, 3-Pin; (SOT-23W)
2.40
BSC
.094
1.00
BSC
.039
0.70
BSC
.028
3.10
2.90
.122
.114
2.10
1.85
.083
.073
3.00
2.70
.118
.106
0.55
REF
.022
1.49
NOM
.059
0.28
NOM
.011
0.96
NOM
.038
0.95
BSC
.037
0.95
BSC
.037
0.25
MIN
.010
0.15
0.00
.006
.000
1.13
0.87
.045
.034
0.20
0.13
.008
.005
0.50
.020
.012
0.30
0.25
BSC
.010
Gauge Plane
Seating Plane
2
1
3
Dimensions in millimeters
U.S. Customary dimensions (in.) in brackets, for reference only
A
Hall element
B
Active Area Depth 0.28 [.011]
C
C
Fits SC–59A Solder Pad Layout
A
Package UA, 3-Pin; (TO-92)
B
.164
.159
4.17
4.04
.122
.117
3.10
2.97
.062
.058
1.57
1.47
.017
.014
0.44
0.35
.019
.014
0.48
0.36
.640
.600
16.26
15.24
.085
MAX
2.16
.050
BSC
1.27
.031
REF
0.79
.0195
NOM
0.50
.0805
NOM
2.04
1.44
.0565
NOM
45°
BSC
45°
BSC
Dimensions in inches
Metric dimensions (mm) in brackets, for reference only
23
1
A
A
B
Dambar removal protrusion
Hall element


Similar Part No. - A1321ELH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321ELHLT-T ALLEGRO-A1321ELHLT-T Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321ELHLT-T2 ALLEGRO-A1321ELHLT-T2 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
More results

Similar Description - A1321ELH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com