Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1539EH Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SQ1539EH
Description  Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ1539EH Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SQ1539EH Datasheet HTML 5Page - Vishay Siliconix SQ1539EH Datasheet HTML 6Page - Vishay Siliconix SQ1539EH Datasheet HTML 7Page - Vishay Siliconix SQ1539EH Datasheet HTML 8Page - Vishay Siliconix SQ1539EH Datasheet HTML 9Page - Vishay Siliconix SQ1539EH Datasheet HTML 10Page - Vishay Siliconix SQ1539EH Datasheet HTML 11Page - Vishay Siliconix SQ1539EH Datasheet HTML 12Page - Vishay Siliconix SQ1539EH Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN815
Vishay Siliconix
Document Number: 71334
12-Dec-03
www.vishay.com
1
Single-Channel LITTLE FOOTR SC-70 6-Pin MOSFET
Copper Leadframe Version
Recommended Pad Pattern and Thermal Performance
INTRODUCTION
The new single 6-pin SC-70 package with a copper leadframe
enables improved on-resistance values and enhanced
thermal performance as compared to the existing 3-pin and
6-pin packages with Alloy 42 leadframes. These devices are
intended for small to medium load applications where a
miniaturized package is required. Devices in this package
come in a range of on-resistance values, in n-channel and
p-channel versions. This technical note discusses pin-outs,
package outlines, pad patterns, evaluation board layout, and
thermal performance for the single-channel version.
BASIC PAD PATTERNS
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/doc?72286) for the basic
pad layout and dimensions. These pad patterns are sufficient
for the low to medium power applications for which this
package is intended. Increasing the drain pad pattern yields a
reduction in thermal resistance and is a preferred footprint.
The availability of four drain leads rather than the traditional
single drain lead allows a better thermal path from the package
to the PCB and external environment.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1
identification.The pin-out of this device allows the use of four
pins as drain leads, which helps to reduce on-resistance and
junction-to-ambient thermal resistance.
FIGURE 1.
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
For package dimensions see outline drawing SC-70 (6-Leads)
(http://www.vishay.com/doc?71154)
EVALUATION BOARDS
SINGLE SC70-6
The evaluation board (EVB) measures 0.6 inches by
0.5 inches. The copper pad traces are the same as in Figure 2.
The board allows examination from the outer pins to 6-pin DIP
connections, permitting test sockets to be used in evaluation
testing. See Figure 3.
FIGURE 2.
SC-70 (6 leads) Single
52 (mil)
96 (mil)
13 (mil)
71 (mil)
0, 0 (mil)
18 (mil)
16 (mil)
26 (mil)
26 (mil)
654
3
2
1
The thermal performance of the single 6-pin SC-70 has been
measured on the EVB, comparing both the copper and
Alloy 42 leadframes. This test was first conducted on the
traditional Alloy 42 leadframe and was then repeated using the
1-inch2 PCB with dual-side copper coating.


Similar Part No. - SQ1539EH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1539EH VISHAY-SQ1539EH Datasheet
279Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1539EH VISHAY-SQ1539EH Datasheet
313Kb / 15P
   N-and P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1539EH VISHAY-SQ1539EH Datasheet
312Kb / 15P
   N-and P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1539EH VISHAY-SQ1539EH_15 Datasheet
307Kb / 16P
   N-and P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1539EH VISHAY-SQ1539EH_V01 Datasheet
313Kb / 15P
   N-and P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ1539EH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3456BEV VISHAY-SQ3456BEV Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
SQ3456EV VISHAY-SQ3456EV Datasheet
214Kb / 11P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. D, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com