Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1902AEL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ1902AEL
Description  Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ1902AEL Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ1902AEL Datasheet HTML 1Page - Vishay Siliconix SQ1902AEL Datasheet HTML 2Page - Vishay Siliconix SQ1902AEL Datasheet HTML 3Page - Vishay Siliconix SQ1902AEL Datasheet HTML 4Page - Vishay Siliconix SQ1902AEL Datasheet HTML 5Page - Vishay Siliconix SQ1902AEL Datasheet HTML 6Page - Vishay Siliconix SQ1902AEL Datasheet HTML 7Page - Vishay Siliconix SQ1902AEL Datasheet HTML 8Page - Vishay Siliconix SQ1902AEL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SQ1470AEH
www.vishay.com
Vishay Siliconix
S15-1473-Rev. A, 17-Jun-15
2
Document Number: 67108
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
0.6
1
1.6
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 30 V
-
-
1
μA
VGS = 0 V
VDS = 30 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 30 V, TJ = 175 °C
-
-
150
On-State Drain Current a
ID(on)
VGS = 4.5 V
VDS  5 V
5
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 4.5 V
ID = 4.2 A
-
0.045
0.065
VGS = 4.5 V
ID = 3.8 A, TJ = 125 °C
-
-
0.097
VGS = 4.5 V
ID = 3.8 A, TJ = 175 °C
-
-
0.115
VGS = 2.5 V
ID = 4.2 A
-
0.060
0.095
Forward Transconductance b
gfs
VDS = 15 V, ID = 1.7 A
-
14
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 15 V, f = 1 MHz
-
350
450
pF
Output Capacitance
Coss
-65
80
Reverse Transfer Capacitance
Crss
-30
40
Total Gate Charge c
Qg
VGS = 4.5 V
VDS = 15 V, ID = 4.2 A
-4.2
5.2
nC
Gate-Source Charge
Qgs
-1.1
-
Gate-Drain Charge c
Qgd
-0.7
-
Gate Resistance
Rg
f = 1 MHz
1.9
3.8
5.7
Turn-On Delay Time c
td(on)
VDD = 15 V, RL = 3.9 
ID  4.2 A, VGEN = 4.5 V, Rg = 1 
-10
-
ns
Rise Time c
tr
-13
-
Turn-Off Delay Time c
td(off)
-14
-
Fall Time c
tf
-8
-
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
11
A
Forward Voltage
VSD
IF = 1.7 A, VGS = 0 V
-
0.7
1.1
V


Similar Part No. - SQ1902AEL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1902AEL VISHAY-SQ1902AEL Datasheet
279Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1902AEL VISHAY-SQ1902AEL Datasheet
248Kb / 10P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1902AEL VISHAY-SQ1902AEL_15 Datasheet
244Kb / 11P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
More results

Similar Description - SQ1902AEL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3456BEV VISHAY-SQ3456BEV Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
SQ3456EV VISHAY-SQ3456EV Datasheet
214Kb / 11P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. D, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com