Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ2303ES Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQ2303ES
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2303ES Datasheet(HTML) 5 Page - Vishay Siliconix

  SQ2303ES Datasheet HTML 1Page - Vishay Siliconix SQ2303ES Datasheet HTML 2Page - Vishay Siliconix SQ2303ES Datasheet HTML 3Page - Vishay Siliconix SQ2303ES Datasheet HTML 4Page - Vishay Siliconix SQ2303ES Datasheet HTML 5Page - Vishay Siliconix SQ2303ES Datasheet HTML 6Page - Vishay Siliconix SQ2303ES Datasheet HTML 7Page - Vishay Siliconix SQ2303ES Datasheet HTML 8Page - Vishay Siliconix SQ2303ES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SQ2309ES
www.vishay.com
Vishay Siliconix
S11-2111-Rev. B, 07-Nov-11
5
Document Number: 67024
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS -Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 μs
1 s
10 s, DC
2
1
0.1
0.01
Square Wave Pulse Duration (s)
10-4
10-3
10-2
10-1
1
10
600
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 166 °C/W
3. TJM - T A = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100


Similar Part No. - SQ2303ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2303ES VISHAY-SQ2303ES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
logo
Shanghai Leiditech Elec...
SQ2303ES LEIDITECH-SQ2303ES Datasheet
755Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
Rev : 01.06.2018
logo
Vishay Siliconix
SQ2303ES VISHAY-SQ2303ES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQ2303ES VISHAY-SQ2303ES Datasheet
993Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2303ES VISHAY-SQ2303ES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
More results

Similar Description - SQ2303ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com