Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1912AEEH Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SQ1912AEEH
Description  Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ1912AEEH Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SQ1912AEEH Datasheet HTML 4Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 5Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 6Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 7Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 8Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 9Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 10Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 11Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Dual-Channel LITTLE FOOT® 6-Pin SC-70 MOSFET Copper Leadframe Version
Recommended Pad Pattern and Thermal Performance 175 °C Rated Part
Application Note AN917
www.vishay.com
Vishay Siliconix
Revision: 15-Apr-13
2
Document Number: 75130
For technical questions, contact: powermosfettechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(the Package Performance)
Thermal performance for the dual SC-70 6-pin package is
measured as junction-to-foot thermal resistance, in which
the “foot” is the drain lead of the device as it connects with
the body. The junction-to-foot thermal resistance for this
device is typically 80 °C/W, with a maximum thermal
resistance of approximately 100 °C/W. This data compares
favorably with another compact, dual-channel package
- the dual TSOP-6 - which features a typical thermal
resistance of 75 °C/W and a maximum of 90 °C/W.
Power Dissipation for 175 °C Rated Part
The typical R
JA for the dual-channel 6-pin SC-70 with a
copper leadframe is 224 °C/W steady-state, compared to
413 °C/W for the Alloy 42 version. All figures are based on
the 1-inch2 FR4 test board. The following example shows
how the thermal resistance impacts power dissipation
for the dual 6-pin SC-70 package at varying ambient
temperatures.
Alloy 42 Leadframe
Although they are intended for low-power applications,
devices in the 6-pin SC-70 dual-channel configuration will
handle power dissipation in excess of 0.5 W.
TESTING
To further aid the comparison of copper and Alloy 42
leadframes, Figures 4 and 5 illustrate the dual-channel 6-pin
SC-70 thermal performance on two different board sizes
and pad patterns. The measured steady-state values of
R
JA for the dual 6-pin SC-70 with varying leadframes are as
follows:
The results indicate that designers can reduce thermal
resistance (
JA) by 34 % simply by using the copper
leadframe device as opposed to the Alloy 42 version. In this
example, a 174 °C/W reduction was achieved without an
increase in board area. If an increase in board size is
feasible, a further 120 °C/W reduction can be obtained by
utilizing a 1-inch2. PCB area.
6
-
0
7
C
S
d
r
a
o
B
f
o
k
c
a
B
6
-
0
7
C
S
d
r
a
o
B
f
o
t
n
o
r
F
D1
G2
S2
S1
G1
D2
SC70−6 DUAL
vishay.com
ALLOY 42 LEADFRAME
ROOM AMBIENT 25 °C
ELEVATED AMBIENT 60 °C
P
D
T
J(max.) - TA
R
JA
P
D
175 °C - 25 °C
413 °C/W
P
D
363 mW
T
J(max.) - TA
175 °C - 60 °C
413 °C/W
P
D
R
JA
P
D
P
D
278 mW
COOPER LEADFRAME
ROOM AMBIENT 25 °C
ELEVATED AMBIENT 60 °C
LITTLE FOOT 6-PIN SC-70
ALLOY 42
COPPER
1) Minimum recommended pad
pattern on the EVB board (see fig. 3).
518 °C/W
344 °C/W
2) Industry standard 1-inch2 PCB
with maximum copper both sides.
413 °C/W
224 °C/W
P
D
T
J(max.) - TA
R
JA
P
D
175 °C - 25 °C
224 °C/W
P
D
669 mW
T
J(max.) - TA
175 °C - 60 °C
224 °C/W
P
D
R
JA
P
D
P
D
513 mW


Similar Part No. - SQ1912AEEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1912AEEH VISHAY-SQ1912AEEH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQ1912AEEH VISHAY-SQ1912AEEH Datasheet
285Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1912AEEH-T1-GE3 VISHAY-SQ1912AEEH-T1-GE3 Datasheet
285Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1912AEEH VISHAY-SQ1912AEEH_15 Datasheet
280Kb / 13P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 01-Jun-15
SQ1912AEEH VISHAY-SQ1912AEEH_V01 Datasheet
285Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ1912AEEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1912AEEH VISHAY-SQ1912AEEH_15 Datasheet
280Kb / 13P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 01-Jun-15
SQ1902AEL VISHAY-SQ1902AEL_15 Datasheet
244Kb / 11P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1902AEL VISHAY-SQ1902AEL Datasheet
248Kb / 10P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1912EH VISHAY-SQ1912EH_V02 Datasheet
242Kb / 11P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1922AEEH VISHAY-SQ1922AEEH_V02 Datasheet
412Kb / 17P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1922EEH VISHAY-SQ1922EEH_V02 Datasheet
211Kb / 8P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N02-3M5L VISHAY-SQD100N02-3M5L_V01 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com