Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1912AEEH Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQ1912AEEH
Description  Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ1912AEEH Datasheet(HTML) 3 Page - Vishay Siliconix

  SQ1912AEEH Datasheet HTML 1Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 2Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 3Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 4Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 5Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 6Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 7Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 8Page - Vishay Siliconix SQ1912AEEH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SQ1912EH
www.vishay.com
Vishay Siliconix
S15-1918 Rev. A, 17-Aug-15
3
Document Number: 67394
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.2
0.4
0.6
0.8
1.0
V
DS -Drain-to-Source Voltage (V)
V
GS = 5 V thru 1.5 V
V
GS = 1 V
V
GS = 0.5 V
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
20
40
60
80
0
5
10
15
20
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.5
1.0
1.5
2.0
2.5
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.4
0.8
1.2
1.6
2.0
I
D - Drain Current (A)
V
GS = 2.5 V
V
GS = 4.5 V
V
GS = 1.8 V
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
Q
g - Total Gate Charge (nC)
I
D = 1.2 A
V
DS = 10 V


Similar Part No. - SQ1912AEEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1912AEEH VISHAY-SQ1912AEEH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQ1912AEEH VISHAY-SQ1912AEEH Datasheet
285Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1912AEEH-T1-GE3 VISHAY-SQ1912AEEH-T1-GE3 Datasheet
285Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1912AEEH VISHAY-SQ1912AEEH_15 Datasheet
280Kb / 13P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 01-Jun-15
SQ1912AEEH VISHAY-SQ1912AEEH_V01 Datasheet
285Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ1912AEEH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1912AEEH VISHAY-SQ1912AEEH_15 Datasheet
280Kb / 13P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 01-Jun-15
SQ1902AEL VISHAY-SQ1902AEL_15 Datasheet
244Kb / 11P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1902AEL VISHAY-SQ1902AEL Datasheet
248Kb / 10P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1912EH VISHAY-SQ1912EH_V02 Datasheet
242Kb / 11P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1922AEEH VISHAY-SQ1922AEEH_V02 Datasheet
412Kb / 17P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1922EEH VISHAY-SQ1922EEH_V02 Datasheet
211Kb / 8P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N02-3M5L VISHAY-SQD100N02-3M5L_V01 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com