Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ2308CES Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQ2308CES
Description  Automotive P-Channel 40 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2308CES Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQ2308CES Datasheet HTML 2Page - Vishay Siliconix SQ2308CES Datasheet HTML 3Page - Vishay Siliconix SQ2308CES Datasheet HTML 4Page - Vishay Siliconix SQ2308CES Datasheet HTML 5Page - Vishay Siliconix SQ2308CES Datasheet HTML 6Page - Vishay Siliconix SQ2308CES Datasheet HTML 7Page - Vishay Siliconix SQ2308CES Datasheet HTML 8Page - Vishay Siliconix SQ2308CES Datasheet HTML 9Page - Vishay Siliconix SQ2308CES Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SQ2319ADS
www.vishay.com
Vishay Siliconix
S15-2366-Rev. A, 12-Oct-15
6
Document Number: 76397
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Foot
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Foot (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?76397.
10-3
10-2
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Similar Part No. - SQ2308CES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2308CES VISHAY-SQ2308CES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
logo
Shanghai Leiditech Elec...
SQ2308CES LEIDITECH-SQ2308CES Datasheet
1Mb / 5P
   60V N-Channel Enhancement Mode MOSFET
Rev : 01.0 .2021 6
logo
Vishay Siliconix
SQ2308CES VISHAY-SQ2308CES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2308CES VISHAY-SQ2308CES Datasheet
219Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2308CES VISHAY-SQ2308CES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
More results

Similar Description - SQ2308CES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS401EN VISHAY-SQS401EN Datasheet
1Mb / 14P
   Automotive P-Channel 40 V (D-S) MOSFET
Rev. C, 31-Oct-11
SQ2319ADS VISHAY-SQ2319ADS_V01 Datasheet
211Kb / 9P
   Automotive P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SQ2319ADS VISHAY-SQ2319ADS_V02 Datasheet
210Kb / 9P
   Automotive P-Channel 40 V (D-S) MOSFET
01-Jan-2023
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 C MOSFET
Rev. C, 07-Nov-11
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
154Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
Rev. C, 24-Oct-11
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 29-Dec-14
SQM40061EL VISHAY-SQM40061EL Datasheet
203Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
SQ3419AEEV VISHAY-SQ3419AEEV Datasheet
264Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com