Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ2337ES Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQ2337ES
Description  Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2337ES Datasheet(HTML) 3 Page - Vishay Siliconix

  SQ2337ES Datasheet HTML 1Page - Vishay Siliconix SQ2337ES Datasheet HTML 2Page - Vishay Siliconix SQ2337ES Datasheet HTML 3Page - Vishay Siliconix SQ2337ES Datasheet HTML 4Page - Vishay Siliconix SQ2337ES Datasheet HTML 5Page - Vishay Siliconix SQ2337ES Datasheet HTML 6Page - Vishay Siliconix SQ2337ES Datasheet HTML 7Page - Vishay Siliconix SQ2337ES Datasheet HTML 8Page - Vishay Siliconix SQ2337ES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SQ2315ES
www.vishay.com
Vishay Siliconix
S15-2411-Rev. D, 07-Oct-15
3
Document Number: 71507
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
012345
2
4
6
8
10
12
V
DS - Drain-to-Source Voltage (V)
V
GS = 5 V thru 2 V
V
GS = 1 V
V
GS = 1.5 V
0.00
02468
10
12
0.03
0.06
0.09
0.15
0.12
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 1.8 V
V
GS = 2.5 V
02468
10
12
Q
g - Total Gate Charge (nC)
0
1
2
3
4
5
6
V
DS = 6 V
I
D = 3.85 A
0
0
0.6
1.2
1.8
2.4
3.0
3
6
9
12
15
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
02468
10
12
200
400
600
800
1000
1200
V
DS - Drain-to-Source Voltage (V)
C
oss
C
rss
C
iss
0.6
- 50
- 25
25
75
125
0
50
100
150
175
0.8
1.2
1.0
1.4
1.6
T
J - Junction Temperature (°C)
I
D = 3.5 A
V
GS = 4.5 V
V
GS = 2.5 V


Similar Part No. - SQ2337ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2337ES VISHAY-SQ2337ES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2337ES VISHAY-SQ2337ES Datasheet
203Kb / 8P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2337ES VISHAY-SQ2337ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2337ES VISHAY-SQ2337ES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQ2337ES VISHAY-SQ2337ES Datasheet
279Kb / 11P
   Automotive P-Channel 40 V (D-S) MOSFET
Rev. A, 12-Oct-15
More results

Similar Description - SQ2337ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS405CENW VISHAY-SQS405CENW_V01 Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA409CEJW VISHAY-SQA409CEJW Datasheet
202Kb / 6P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4005EY VISHAY-SQ4005EY_V02 Datasheet
214Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_15 Datasheet
238Kb / 12P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ2315ES VISHAY-SQ2315ES_15 Datasheet
269Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQS405EN VISHAY-SQS405EN_15 Datasheet
544Kb / 14P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. C, 30-Jul-12
SQS405CENW VISHAY-SQS405CENW Datasheet
233Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V01 Datasheet
242Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS405ENW VISHAY-SQS405ENW_V02 Datasheet
241Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3461EV VISHAY-SQ3461EV_V02 Datasheet
294Kb / 10P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2315ES VISHAY-SQ2315ES_V02 Datasheet
202Kb / 8P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com