Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ2310ES Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQ2310ES
Description  Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2310ES Datasheet(HTML) 1 Page - Vishay Siliconix

  SQ2310ES Datasheet HTML 1Page - Vishay Siliconix SQ2310ES Datasheet HTML 2Page - Vishay Siliconix SQ2310ES Datasheet HTML 3Page - Vishay Siliconix SQ2310ES Datasheet HTML 4Page - Vishay Siliconix SQ2310ES Datasheet HTML 5Page - Vishay Siliconix SQ2310ES Datasheet HTML 6Page - Vishay Siliconix SQ2310ES Datasheet HTML 7Page - Vishay Siliconix SQ2310ES Datasheet HTML 8Page - Vishay Siliconix SQ2310ES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SQ2351ES
www.vishay.com
Vishay Siliconix
S12-2312-Rev. B, 01-Oct-12
1
Document Number: 66716
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive P-Channel 20 V (D-S) 175 °C MOSFET
FEATURES
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
d. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
- 20
RDS(on) () at VGS = - 4.5 V
0.115
RDS(on) () at VGS = - 2.5 V
0.205
ID (A)
- 3.2
Configuration
Single
S
G
D
P-Channel MOSFET
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
SQ2351ES
Marking Code: 8Sxxx
ORDERING INFORMATION
Package
SOT-23
Lead (Pb)-free and Halogen-free
SQ2351ES-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current
TC = 25 °C
ID
- 3.2
A
TC = 125 °C
- 1.8
Continuous Source Current (Diode Conduction)a
IS
- 2.5
Pulsed Drain Currentb
IDM
- 12.7
Single Pulse Avalanche Current
L = 0.1 mH
IAS
- 6
Single Pulse Avalanche Energy
EAS
1.8
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
2
W
TC = 125 °C
0.67
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
175
°C/W
Junction-to-Foot (Drain)
RthJF
75


Similar Part No. - SQ2310ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2310ES VISHAY-SQ2310ES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2310ES VISHAY-SQ2310ES Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2310ES VISHAY-SQ2310ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2310ES VISHAY-SQ2310ES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQ2310ES VISHAY-SQ2310ES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
More results

Similar Description - SQ2310ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQA401CEJW VISHAY-SQA401CEJW_V02 Datasheet
170Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3425EV VISHAY-SQ3425EV Datasheet
271Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ3469EV VISHAY-SQ3469EV_15 Datasheet
210Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ2351ES VISHAY-SQ2351ES_15 Datasheet
202Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 01-Oct-12
SQ3469EV VISHAY-SQ3469EV_V02 Datasheet
293Kb / 9P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA407CEJW VISHAY-SQA407CEJW Datasheet
205Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2351ES VISHAY-SQ2351ES_V02 Datasheet
205Kb / 9P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3493EV VISHAY-SQ3493EV_V02 Datasheet
345Kb / 8P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2301ES VISHAY-SQ2301ES_V02 Datasheet
221Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA413CEJW VISHAY-SQA413CEJW_V01 Datasheet
166Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com