Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7322 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AD7322
Description  Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AD7322 Datasheet(HTML) 1 Page - ATMEL Corporation

  AD7322 Datasheet HTML 1Page - ATMEL Corporation AD7322 Datasheet HTML 2Page - ATMEL Corporation AD7322 Datasheet HTML 3Page - ATMEL Corporation AD7322 Datasheet HTML 4Page - ATMEL Corporation AD7322 Datasheet HTML 5Page - ATMEL Corporation AD7322 Datasheet HTML 6Page - ATMEL Corporation AD7322 Datasheet HTML 7Page - ATMEL Corporation AD7322 Datasheet HTML 8Page - ATMEL Corporation AD7322 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Software Selectable True Bipolar Input,
2-Channel, 12-Bit Plus Sign ADC
Preliminary Technical Data
AD7322*
FEATURES
• 12-Bit Plus Sign SAR ADC
• True Bipolar Analog Inputs
• Software Selectable Input Ranges
± 10V, ± 5V, ± 2.5V, 0 to 10V
• Two Analog Inputs with Channel Sequencer
• Single Ended, True Differential and Pseudo Differential
Capability.
• High Analog Input Impedance
• Low Power:- 6 mW
• Full Power Signal Bandwidth: >13 MHz
• Internal 2.5 V Reference
• High Speed Serial Interface
• Power Down Modes
• 14-Lead TSSOP
• For 8 and 4 channel equivalent devices see AD7328 and
AD7324 respectively.
GENERAL DESCRIPTION
The AD7322 is a 2-Channel, 12-Bit Plus Sign, 1 MSPS
Successive Approximation ADC. The ADC has a high speed
serial interface that can operate at throughput rates up to 1
MSPS.
The AD7322 can handle True Bipolar Analog input signals. The
Bipolar ranges are software selectable by programming the on
board Range Register. Bipolar input ranges include ± 10V, ± 5V,
± 2.5V. The AD7322 can also handle a 0 to 10 V uniploar input
range, which is also software selectable. Each analog input
channel can be independently programmed to one of the input
ranges by setting the appropriate bits in the Range Register.
The Analog Input Channels can be configured as Single-Ended,
Fully Differential or Pseudo Differential. Dedicated Control
Register bits are used to configure the Analog inputs. The
AD7322 contains a Channel Sequencer, allowing automatic
conversions between each analog input channel.
The ADC contains a 2.5V Internal reference. The AD7322 also
allows for external Reference operation. If a 3V external
reference is applied to the REFIN/OUT pin, the ADC can
handle a True Bipolar ± 12 V Analog input range. Minimum
VDD and VSS supplies of ± 12V are required for this ± 12 V input
range.
* Patent Pending
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
The Serial clock frequency, SCLK, applied to the ADC will
determine the maximum throughput rate the ADC can operate
at. The SCLK signal is used as the conversion clock and also to
transfer data to and from the ADC. The Serial interface is
SPITM, QSPITM, MICROWIRETM and DSP compatible.
The AD7322 offers power down modes to reduce the power
consumption of the ADC at lower throughput rates.
PRODUCT HIGHLIGHTS
1. The AD7322 can accept True Bipolar Analog Input signals,
±10V, ±5V, ±2.5V and 0 to 10V unipolar signals.
2. The Two Analog Inputs can be configured as Two Single-
Ended inputs, One True Differential or One Pseudo Differential
Input. The AD7322 has high Impedance Analog Inputs.
3. The AD7322 features a High Speed Serial Interface.
Throughput Rates up to 1 MSPS can be achieved on the
AD7322.
4. Low Power, 12 mW at maximum throughput rate of 1 MSPS.
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
Rev. PrE


Similar Part No. - AD7322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7322 AD-AD7322 Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
AD7322BRUZ AD-AD7322BRUZ Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7322BRUZ AD-AD7322BRUZ Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
AD7322BRUZ-REEL AD-AD7322BRUZ-REEL Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7322BRUZ-REEL AD-AD7322BRUZ-REEL Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
More results

Similar Description - AD7322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
   500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com