Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ2337ES Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQ2337ES
Description  Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2337ES Datasheet(HTML) 1 Page - Vishay Siliconix

  SQ2337ES Datasheet HTML 1Page - Vishay Siliconix SQ2337ES Datasheet HTML 2Page - Vishay Siliconix SQ2337ES Datasheet HTML 3Page - Vishay Siliconix SQ2337ES Datasheet HTML 4Page - Vishay Siliconix SQ2337ES Datasheet HTML 5Page - Vishay Siliconix SQ2337ES Datasheet HTML 6Page - Vishay Siliconix SQ2337ES Datasheet HTML 7Page - Vishay Siliconix SQ2337ES Datasheet HTML 8Page - Vishay Siliconix SQ2337ES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SQ2389ES
www.vishay.com
Vishay Siliconix
S15-0166-Rev. A, 02-Feb-15
1
Document Number: 63248
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Marking Code: 9Axxx
FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. When mounted on 1" square PCB (FR4 material).
PRODUCT SUMMARY
VDS (V)
-40
RDS(on) (
Ω) at VGS = -10 V
0.094
RDS(on) (
Ω) at VGS = -4.5 V
0.188
ID (A)
-4.1
Configuration
Single
P-Channel MOSFET
S
D
G
Top View
SOT-23 (TO-236)
1
G
2
S
D
3
ORDERING INFORMATION
Package
SOT-23
Lead (Pb)-free and Halogen-free
SQ2389ES-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C
ID
-4.1
A
TC = 125 °C
-2.4
Continuous Source Current (Diode Conduction)
IS
-3.6
Pulsed Drain Current a
IDM
-16
Single Pulse Avalanche Current
L = 0.1 mH
IAS
-12
Single Pulse Avalanche Energy
EAS
7.2
mJ
Maximum Power Dissipation a
TC = 25 °C
PD
3
W
TC = 125 °C
1
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mount b
RthJA
166
°C/W
Junction-to-Foot (Drain)
RthJF
50


Similar Part No. - SQ2337ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2337ES VISHAY-SQ2337ES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2337ES VISHAY-SQ2337ES Datasheet
203Kb / 8P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2337ES VISHAY-SQ2337ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2337ES VISHAY-SQ2337ES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQ2337ES VISHAY-SQ2337ES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
More results

Similar Description - SQ2337ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 C MOSFET
Rev. C, 07-Nov-11
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 29-Dec-14
SQS415ENW VISHAY-SQS415ENW_V02 Datasheet
249Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P04-09L VISHAY-SQM50P04-09L_V01 Datasheet
161Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4401CEY VISHAY-SQ4401CEY_V01 Datasheet
157Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS401EN VISHAY-SQS401EN_15 Datasheet
1Mb / 14P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 31-Oct-11
SQ4401EY VISHAY-SQ4401EY Datasheet
255Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQM120P04-04L VISHAY-SQM120P04-04L_V01 Datasheet
165Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120P04-04L VISHAY-SQM120P04-04L_V02 Datasheet
164Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com