Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3231 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG3231
Description  Low Voltage, Single-Channel Level Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3231 Datasheet(HTML) 6 Page - Analog Devices

  ADG3231 Datasheet HTML 1Page - Analog Devices ADG3231 Datasheet HTML 2Page - Analog Devices ADG3231 Datasheet HTML 3Page - Analog Devices ADG3231 Datasheet HTML 4Page - Analog Devices ADG3231 Datasheet HTML 5Page - Analog Devices ADG3231 Datasheet HTML 6Page - Analog Devices ADG3231 Datasheet HTML 7Page - Analog Devices ADG3231 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADG3231
–6–
TEST CIRCUIT
INPUT
0V
VOH
VOL
VCC1
VT
VL
t
PLH
t
PHL
OUTPUT
Figure 1. Propagation Delay
DESCRIPTION
The ADG3231 is a level translating device designed on a submicron
process that operates from supplies as low as 1.65 V. The device is
guaranteed for operation over the supply range 1.65 V to 3.6 V.
It operates from two supply voltages, allowing bidirectional level
translation, i.e., it translates low voltages to high voltages and vice
versa. The signal path is unidirectional, meaning data may only
flow from A to Z.
A1 Input
The A1 input is capable of accepting inputs outside the VCC1 supply
range. For example, the VCC1 supply applied to the device could
be 1.8 V while the preceding device could be supplied from a 2.5 V or
3.3 V supply rail. There are no internal diodes to the supply rails,
so the ADG3231 can handle inputs above the supply but inside
the absolute maximum ratings stated.
Normal Operation
The signal path is from A1 to Y1. The device will level translate
the signal applied to A1 to a VCC1 logic level (this level translation
can be to either a higher or a lower supply) and route the signal
to the Y1 output, which will have standard VOL/VOH levels for
VCC2 supplies.
The supplies in Figure 2 may be any combination of supplies,
e.g., VCC1 and VCC2 may be anywhere in the range of 1.65 V to
3.6 V.
SIGNAL OUTPUT
VCC2
DEVICE 2
SIGNAL INPUT
DEVICE 1
ADG3231
A1
GND
Y1
VCC2
VCC1
VCC1
Figure 2. Typical Operation of the ADG3231 Level Translating Switch
REV. 0


Similar Part No. - ADG3231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3231 AD-ADG3231 Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
236Kb / 12P
   1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
ADG3231BRJZ-REEL AD-ADG3231BRJZ-REEL Datasheet
236Kb / 12P
   1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG3231BRJZ-REEL AD-ADG3231BRJZ-REEL Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
More results

Similar Description - ADG3231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
[Old version datasheet]   Channel Bidirectional Multi-Voltage Level Translator
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
[Old version datasheet]   Voltage-Level Translator
logo
Analog Devices
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
logo
Maxim Integrated Produc...
MAX13046E MAXIM-MAX13046E Datasheet
165Kb / 15P
   Single- and Dual-Bidirectional Low-Level Translator
Rev 1; 8/08
logo
Nexperia B.V. All right...
74AUP1T50 NEXPERIA-74AUP1T50 Datasheet
236Kb / 14P
   Low-power buffer with voltage-level translator
Rev. 4 - 5 August 2022
logo
Analog Devices
ADG3232 AD-ADG3232 Datasheet
490Kb / 8P
   Low Voltage 2-1 Mux, Level Translator
REV. A
logo
Texas Instruments
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Automotive 8-Channel Multi-Voltage Level Translator
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
   Dual Voltage Level Translator
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
   SMBus voltage-level translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com