Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3171 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3171
Description  Synchronous Buck Controller with Dual Linear Regulator Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3171 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3171 Datasheet HTML 4Page - Analog Devices ADP3171 Datasheet HTML 5Page - Analog Devices ADP3171 Datasheet HTML 6Page - Analog Devices ADP3171 Datasheet HTML 7Page - Analog Devices ADP3171 Datasheet HTML 8Page - Analog Devices ADP3171 Datasheet HTML 9Page - Analog Devices ADP3171 Datasheet HTML 10Page - Analog Devices ADP3171 Datasheet HTML 11Page - Analog Devices ADP3171 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
ADP3171
–9–
Power MOSFETs
Two external N-channel power MOSFETs must be selected for
use with the ADP3171, one for the main switch and one for the
synchronous switch. The main selection parameters for the power
MOSFETs are the threshold voltage (VGS(TH)), the ON resistance
(RDS(ON)), and the gate charge (QG). Logic level MOSFETs are
highly recommended. Only logic level MOSFETs with VGS ratings
higher than the absolute maximum value of VCC should be used.
The maximum output current IO(MAX) determines the RDS(ON)
requirement for the two power MOSFETs. When the ADP3171
is operating in continuous mode, the simplifying assumption
can be made that one of the two MOSFETs is always conduct-
ing the average load current. For VIN = 5 V and VOUT = 1.5 V,
the maximum duty ratio of the high-side FET is:
Df
t
D
kHz
s
HSF MAX
MIN
OFF
HSF MAX
()
()
–.
%
=+
()
() =
1
1
192
3 5
33
µ
(20)
The maximum duty ratio of the low-side (synchronous rectifier)
MOSFET is:
DD
LSF MAX
HSF MAX
()
()
–%
==
167
(21)
The maximum rms current of the high-side MOSFET is:
ID
II
I
I
I
AA
A
A
A
HSF MAX
HSF MAX
L VALLEY
L VALLEY
L PEAK
L PEAK
HSF MAX
()
()
()
()
(
)
(
)
()
()
.
.( .
.
)
.
.
+
+
=
22
22
3
033
375
3 75
625
6 25
3
29
(22)
The maximum rms current of the low-side MOSFET is:
ID
II
I
I
I
AA
A
A
A
LSF MAX
LSF MAX
L VALLEY
L VALLEY
L PEAK
L PEAK
LSF MAX
()
()
()
(
)()
()
()
()
)
.
.( .
.
)
.
.
+
+
()
=
22
22
3
067
375
3 75
625
6 25
3
41
(23)
The RDS(ON) for each MOSFET can be derived from the allowable
dissipation. If 10% of the maximum output power is allowed for
MOSFET dissipation, the total dissipation will be:
PV
I
PV
A
mW
D FETs
OUT
OUT MAX
D FETs
()
(
)
()
.
..
.
×
×
=
01
01 15
65
975
(24)
Allocating half of the total dissipation for the high-side MOSFET
and half for the low-side MOSFET, and assuming that the resistive
loss of the high-side MOSFET is one-third and the switching
loss is two-thirds of its total, the required maximum MOSFET
resistances will be:
R
P
I
mW
A
m
DS ON HSF
D FETs
HSF MAX
()
()
()
.
=
×
=
×
=
3
975
32 9
38
22
(25)
R
P
I
mW
A
m
DS ON LSF
D FETs
LSF MAX
()
()
()
.
=
×
=
×
=
2
975
24 1
29
22
(26)
Note that there is a trade-off between converter efficiency and cost.
Larger MOSFETs reduce the conduction losses and allow higher
efficiency, but increase the system cost. A Fairchild FDB6982
dual MOSFET (high-side RDS(ON) = 28 m
Ω nominal, 35 mΩ
worst-case; and low-side RDS(ON) = 16 m
Ω nominal, 22 mΩ
worst-case) is a good choice in this application.
With this choice, the high-side MOSFET dissipation is:
PR
I
VI
Q
f
I
VQ
f
Pm
A
AnC
kHz
A
VnC
kHz
mW
HSF
DS ON HSF
HSF MAX
IN
L PEAK
G
MIN
G
IN
RR
MIN
HSF
+
××
×
×
×
+ +×
×
×
×
=
()
(
)
()
.
.
2
2
2
35
2 9
56 25
12
192
21
519
192
349
(27)
where the second term represents the turn-off loss of the MOSFET
and the third term represents the turn-on loss due to the stored
charge in the body diode of the low-side MOSFET. In the sec-
ond term, QG is the gate charge to be removed from the gate for
turn-off and IG is the gate turn-off current. From the data sheet,
the value of QG for the FDS6982 is 12 nC and the peak gate
drive current provided by the ADP3171 is about 1 A. In the
third term, QRR is the charge stored in the body diode of the
low-side MOSFET at the valley of the inductor current. The
data sheet of the FDS6982 shows a value of 19 nC for this
parameter.
The low-side MOSFET dissipation is:
PR
I
Pm
A
mW
LSF
DS ON LSF
LSF MAX
LSF
=×=
()
(
)
.
2
2
22
4 1
370
(28)
Note that there are no switching losses in the low-side MOSFET.
CIN Selection and Input Current di/dt Reduction
In continuous inductor-current mode, the source current of the
high-side MOSFET is a square wave with a duty ratio of VOUT/VlN
and an amplitude of one-half of the maximum output current. To
prevent large voltage transients, a low ESR input capacitor sized
for the maximum rms current must be used. The maximum rms
capacitor current is given by:
II
D
D
IA
A
C RMS
O
HSF
HSF
C RMS
()
()
.– .
.
=
2
2
50 33
0 332 4
(29)
For a ZA-type capacitor with 1000
µF capacitance and 6.3 V
voltage rating, the ESR is 24 m
Ω and the maximum allowable
ripple current at 100 kHz is 2 A. At 105
°C, at least two such
capacitors should be connected in parallel to handle the calcu-
lated ripple current. At 50
°C ambient, however, a higher ripple
current can be tolerated, so one capacitor is adequate.
The ripple voltage across the input capacitor is:
VI
ESR
n
D
nC
f
VI
m
mF
kHz
mV
CRIPPLE
O
C
C
HSF MAX
CIN
MIN
CRIPPLE
O
()
()
()
.
+
××


+
××


=
24
1
033
11
192
26
(30)
Linear Regulators
The linear regulators provide a low-cost, convenient, and versatile
solution for generating moderate current supply rails. The maxi-
mum output load current is determined by the size and thermal
impedance of the external N-channel power MOSFET that is
placed in series with the supply and controlled by the ADP3171.
The output voltage is sensed at the LRFB
× pin and compared
to an internal reference voltage in a negative feedback loop that
keeps the output voltage in regulation. If the load is reduced or


Similar Part No. - ADP3171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3170 AD-ADP3170 Datasheet
183Kb / 16P
   VRM 8.5 Compatible Single Phase Core Controller
REV. 0
ADP3170JRU AD-ADP3170JRU Datasheet
183Kb / 16P
   VRM 8.5 Compatible Single Phase Core Controller
REV. 0
ADP3178 AD-ADP3178 Datasheet
190Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
ADP3178 AD-ADP3178 Datasheet
191Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
ADP3178JR AD-ADP3178JR Datasheet
190Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
More results

Similar Description - ADP3171

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Richtek Technology Corp...
RT9206 RICHTEK-RT9206 Datasheet
338Kb / 21P
   High Efficiency, Synchronous Buck with Dual Linear Controllers
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
LM3753 NSC-LM3753 Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Semtech Corporation
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
   Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
SC1109 SEMTECH-SC1109 Datasheet
223Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
logo
Texas Instruments
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
[Old version datasheet]   LM2647 Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com