Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3171 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3171
Description  Synchronous Buck Controller with Dual Linear Regulator Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3171 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3171 Datasheet HTML 4Page - Analog Devices ADP3171 Datasheet HTML 5Page - Analog Devices ADP3171 Datasheet HTML 6Page - Analog Devices ADP3171 Datasheet HTML 7Page - Analog Devices ADP3171 Datasheet HTML 8Page - Analog Devices ADP3171 Datasheet HTML 9Page - Analog Devices ADP3171 Datasheet HTML 10Page - Analog Devices ADP3171 Datasheet HTML 11Page - Analog Devices ADP3171 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. 0
–10–
ADP3171
increased, the MOSFET drive will also be reduced or increased
by the ADP3171 to provide a well regulated output voltage.
Output voltages higher than the fixed internal reference voltage
can be programmed by adding an external resistor divider. The
correct resistor values for setting the output voltage of the linear
regulators in the ADP3171 can be determined using:
VV
RR
R
OUT LR
LRFB X
UL
L
()
(
)
+
(31)
Assuming that RL = 10 k
Ω, VOUT(LR) = 3.3 V and rearranging
Equation 31 to solve for RU yields:
R
kV
V
V
R
kV
V
V
k
U
OUT(LR)
LRFB
LRFB
U
=
×−
()
=
×−
()
=
10
10
3 3
18
18
833
2
2
..
.
.
(32)
The closest 1% resistor value is 8.25 k
Ω.
Efficiency of the Linear Regulators
The efficiency and corresponding power dissipation of each of the
linear regulators are not determined by the ADP3171. Rather,
these are a function of input and output voltage and load current.
Efficiency is approximated by the formula:
η=
×
100%
V
V
OUT
IN
(33)
The corresponding power dissipation in the MOSFET, together
with any resistance added in series from input to output, is
given by:
PV
V
I
LDO
IN
OUT
OUT
=
()×
(34)
Minimum power dissipation and maximum efficiency are
accomplished by choosing the lowest available input voltage that
exceeds the desired output voltage. However, if the chosen input
source is itself generated by a linear regulator, its power dissipa-
tion will be increased in proportion to the additional current it
must now provide.
LAYOUT AND COMPONENT PLACEMENT GUIDELINES
The following guidelines are recommended for optimal performance
of a switching regulator in a PC system:
General Recommendations
1.
For best results, a four-layer PCB is recommended. This
should allow the needed versatility for control circuitry
interconnections with optimal placement, a signal ground
plane, power planes for both power ground and the input
power (e.g., 5 V), and wide interconnection traces in the
rest of the power delivery current paths.
2.
Whenever high currents must be routed between PCB
layers, vias should be used liberally to create several paral-
lel current paths so that the resistance and inductance
introduced by these current paths is minimized and the via
current rating is not exceeded.
3.
If critical signal lines (including the voltage and current
sense lines of the ADP3171) must cross through power
circuitry, it is best if a ground plane can be interposed
between those signal lines and the traces of the power
circuitry. This serves as a shield to minimize noise injection
into the signals at the expense of making signal ground a
bit noisier.
4.
The GND pin of the ADP3171 should connect first to a
ceramic bypass capacitor (on the VCC pin) and then into
the analog ground plane. The analog ground plane should
be located below the ADP3171 and the surrounding
small signal components such as the timing capacitor
and compensation network. The analog ground plane
should connect to power ground plane at a single point; the
best location being the negative terminal of the last
output capacitor.
5.
The output capacitors should also be connected as closely
as possible to the load (or connector) that receives the power
(e.g., a microprocessor core). If the load is distributed, the
capacitors also should be distributed, and generally in pro-
portion to where the load tends to be more dynamic. It is
also advised to keep the planar interconnection path short
(i.e., have input and output capacitors close together).
6.
Absolutely avoid crossing any signal lines over the switching
power path loop, described below.
Power Circuitry
7.
The switching power path should be routed on the PCB to
encompass the smallest possible area in order to minimize
radiated switching noise energy (i.e., EMI). Failure to take
proper precaution often results in EMI problems for the
entire PC system as well as noise-related operational problems
in the power converter control circuitry. The switching power
path is the loop formed by the current path through the
input capacitors, the two FETs, and the power Schottky
diode, if used, including all interconnecting PCB traces and
planes. The use of short and wide interconnection traces is
especially critical in this path for two reasons: it minimizes
the inductance in the switching loop, which can cause high
energy ringing, and it accommodates the high current
demand with minimal voltage loss.
8.
A power Schottky diode (1 ~ 2 A dc rating) placed from the
lower MOSFET’s source (anode) to drain (cathode) will
help to minimize switching power dissipation in the upper
MOSFET. In the absence of an effective Schottky diode,
this dissipation occurs through the following sequence of
switching events. The lower MOSFET turns off in advance
of the upper MOSFET turning on (necessary to prevent
cross conduction). The circulating current in the power
converter, no longer finding a path for current through the
channel of the lower MOSFET, draws current through the
inherent body-drain diode of the MOSFET. The upper
MOSFET turns on, and the reverse recovery characteristic
of the lower MOSFET’s body-drain diode prevents the drain
voltage from being pulled high quickly. The upper MOSFET
then conducts very large current while it momentarily has
a high voltage forced across it, which translates into added
power dissipation in the upper MOSFET. The Schottky diode
minimizes this problem by carrying a majority of the circu-
lating current when the lower MOSFET is turned off, and
by virtue of its essentially nonexistent reverse recovery time.
9.
Whenever a power dissipating component (e.g., a power
MOSFET) is soldered to a PCB, the liberal use of vias, both
directly on the mounting pad and immediately surrounding
it, is recommended. Two important reasons for this are:


Similar Part No. - ADP3171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3170 AD-ADP3170 Datasheet
183Kb / 16P
   VRM 8.5 Compatible Single Phase Core Controller
REV. 0
ADP3170JRU AD-ADP3170JRU Datasheet
183Kb / 16P
   VRM 8.5 Compatible Single Phase Core Controller
REV. 0
ADP3178 AD-ADP3178 Datasheet
190Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
ADP3178 AD-ADP3178 Datasheet
191Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
ADP3178JR AD-ADP3178JR Datasheet
190Kb / 16P
   4-Bit Programmable Synchronous Buck Controllers
REV. A
More results

Similar Description - ADP3171

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Richtek Technology Corp...
RT9206 RICHTEK-RT9206 Datasheet
338Kb / 21P
   High Efficiency, Synchronous Buck with Dual Linear Controllers
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
LM3753 NSC-LM3753 Datasheet
1Mb / 38P
   Scalable 2-Phase Synchronous Buck Controllers with Integrated FET Drivers and Linear Regulator Controller
logo
Semtech Corporation
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
   Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
SC1109 SEMTECH-SC1109 Datasheet
223Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
logo
Texas Instruments
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
[Old version datasheet]   LM2647 Dual Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com