Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS32A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS32A
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS32A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SS32A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS32A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS32A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS32A--SS310A
Document Number: SMA403AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
SOLDERING FOOTPRINT
Unit :mm
PACKAGE
INFORMATION
Device
Package
Shipping
SS32A--SS310A DO-214AC(SMA)
5000/Tape&Reel
DO-214AC(SMA)
Dim
Min
Max
A
4.25
4.65
B
2.40
2.80
C
1.85
2.15
D
4.85
5.35
E
0.10
0.30
F
0.90
1.50
G
0.20MAX
H
1.90
2.30
I
1.35
1.65
All Dimensions in mm


Similar Part No. - SS32A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS32A TAITRON-SS32A Datasheet
202Kb / 4P
   3.0A Surface Mount Schottky Rectifier
logo
Shenzhen Luguang Electr...
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Jiangsu High diode Semi...
SS32A HDSEMI-SS32A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
logo
Diotech Company.
SS32A DIOTECH-SS32A Datasheet
690Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bruckewell Technology L...
SS32A BWTECH-SS32A Datasheet
577Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS32A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com